Electronic Components Datasheet Search
  English  ▼

X  

460 Datasheet(PDF) 1 Page - Littelfuse

Part # 460
Description  PICO SMF Very Fast-Acting Type Fuse 459 Series
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

460 Datasheet(HTML) 1 Page - Littelfuse

  460 Datasheet HTML 1Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
36
SURFACE MOUNT FUSES
SUBMINIATURE SURFACE MOUNT
PICO
® SMF Very Fast-Acting Type Fuse 459 Series
The PICO® SMF Very Fast-Acting Fuse provides high per-
formance in a rectangular package suitable for reflow and
wave soldering methods.
ELECTRICAL CHARACTERISTICS:
% of Ampere
Opening
Rating
Time
100%
4 hours, Minimum
200%
1 second, Maximum
300%
0.1 second, Maximum
AGENCY APPROVALS: Recognized under the
Components Program of Underwriters Laboratories and
Certified by CSA. Approved by METI 1 through 5 amperes.
AGENCY FILE NUMBERS: UL E10480, CSA LR 29862.
INTERRUPTING RATINGS:
50 amperes at 125 VAC.
300 amperes at 125 VDC.
ENVIRONMENTAL SPECIFICATIONS:
Operating Temperature: –55°C to 125°C.
Shock: MIL-STD-202, Method 213, Test Condition I
(100 G’s peak for 6 milliseconds).
Vibration: MIL-STD-202, Method 201 (10–55 Hz,
.06 in. total excursion).
Salt Spray: MIL-STD-202, Method 101, Test Condition B
(48 hrs.).
Insulation Resistance (After Opening): MIL-STD-202,
Method 302, (10,000 ohms minimum at 100 volts).
Resistance to Soldering Heat: MIL-STD-202,
Method 210, Test Condition F (10 sec. at 260°C).
Thermal Shock: MIL-STD-202, Method 107,
Test Condition B (–65 to 125°C).
Moisture Resistance: MIL-STD-202, Method 106, High
Humidity (90-98 RH), Heat (65°).
PHYSICAL SPECIFICATIONS:
Materials: Body: Molded Thermoplastic
Terminations: Tin-Lead Plated Copper
Soldering Parameters:
Wave Solder — 260°C, 10 seconds maximum
Reflow Solder — 260°C, 30 seconds maximum
Solderability: MIL-STD-202, Method 208.
PACKAGING SPECIFICATIONS: 12mm Tape and Reel
per EIA-RS481 (IEC 286, part 3); 500 per reel, add
packaging suffix, UR.
PATENTED
ORDERING INFORMATION:
Nominal
Nominal
Catalog
Ampere
Voltage
Resistance
Melting I
2t
Number
Rating
Rating
Cold Ohms
A
2 Sec.
R459.062
1/16
125
7.0
0.000075
R459.125
1/8
125
1.70
0.00163
R459.250
1/4
125
0.665
0.0106
R459.375
3/8
125
0.395
0.0254
R459.500
1/2
125
0.280
0.0546
R459.750
3/4
125
0.175
0.155
R459 001
1
125
0.125
0.281
R459 01.5
11/2
125
0.0800
0.650
R459 002
2
125
0.0468
0.421
R459 02.5
21/2
125
0.0350
0.721
R459 003
3
125
0.0290
1.23
R459 03.5
31/2
125
0.0240
1.65
R459 004
4
125
0.0200
2.35
R459 005
5
125
0.0155
3.90
100
10
1
0.1
0.01
0.001
0.05 0.1
1
10
100
CURRENT IN AMPERES
®
®
Average Time Current Curves
.170"
5 A
1 25 V
LF
4 5 9
B 3
®
®
.120"
.117"
.285"
REF.
.325"
.065"
.195"
.051"
REF.
.080"
RECOMMENDED
PAD LAYOUT


Similar Part No. - 460

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
460 ETC1-460 Datasheet
52Kb / 1P
High Accuracy, 100kHz and 1MHz Voltage to Frequency Converters
logo
Intronics Power, Inc.
460 INTRONICS-460 Datasheet
854Kb / 4P
High Accuracy, 100kHz and 1MHz Voltage to Frequency Converterss
logo
France Joint
460 FRANCEJOINT-460 Datasheet
349Kb / 2P
WIPER SEALS
logo
Abbatron All Rights Res...
460 ABBATRON-460 Datasheet
4Mb / 60P
Premier Supplier of Electronic Hardware
logo
Testo SE & Co. KGaA
460 TESTO-460 Datasheet
238Kb / 10P
Innovative Pocket-Sized Measurement Technology
More results

Similar Description - 460

ManufacturerPart #DatasheetDescription
logo
Littelfuse
459 LITTELFUSE-459 Datasheet
65Kb / 1P
PICO SMF Very Fast-Acting Type Fuse 459 Series
0275020.MRT1L LITTELFUSE-0275020.MRT1L Datasheet
187Kb / 4P
275 Series, PICO , Very Fast-Acting Fuse
0459.062ER LITTELFUSE-0459.062ER Datasheet
330Kb / 3P
Surface Mount Fuses PICO SMF Fuse > 459 Series
0459.125ER LITTELFUSE-0459.125ER Datasheet
330Kb / 3P
Surface Mount Fuses PICO SMF Fuse > 459 Series
0459.250ER LITTELFUSE-0459.250ER Datasheet
330Kb / 3P
Surface Mount Fuses PICO SMF Fuse > 459 Series
0459.500ER LITTELFUSE-0459.500ER Datasheet
330Kb / 3P
Surface Mount Fuses PICO SMF Fuse > 459 Series
0459.750ER LITTELFUSE-0459.750ER Datasheet
330Kb / 3P
Surface Mount Fuses PICO SMF Fuse > 459 Series
045902.5ER LITTELFUSE-045902.5ER Datasheet
330Kb / 3P
Surface Mount Fuses PICO SMF Fuse > 459 Series
0459003.UR LITTELFUSE-0459003.UR Datasheet
330Kb / 3P
Surface Mount Fuses PICO SMF Fuse > 459 Series
0459005.UR LITTELFUSE-0459005.UR Datasheet
330Kb / 3P
Surface Mount Fuses PICO SMF Fuse > 459 Series
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com