Electronic Components Datasheet Search
  English  ▼

X  

TS752 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # TS752
Description  6A Silicon Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

TS752 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  TS752 Datasheet HTML 1Page - List of Unclassifed Manufacturers TS752 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.SiliconStandard.com
1 of 2
8/26/2004 Rev.1.01
Plastic material used carries
Underwriters Laboratory Classification 94V-0
Cases: Molded plastic body
Lead: Plated axial leads, matte-tin plating
Polarity: Color band denotes cathode end
Mounting position: Any
Weight: 0.07 ounce, 2.1 grams
P600
Dimensions in inches and (millimeters)
6A Silicon Rectifiers
Voltage range 50-800 Volts
Rating at 25°C ambient temperature unless otherwise specified.
Single phase, half wave,60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Parameter
Symbol TS750 TS751 TS752 TS754 TS756 TS758 Units
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
400
600
800
V
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
V
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
V
Maximum Non-repetitive Peak Reverse Voltage
VBR
60
120
240
480
720
1200
V
Maximum Average Forward Rectified Current at
TA = 60°C, P.C.B. Mounting (Fig. 1)
TL= 60°C, 0.125”(3.18mm) Lead Length (Fig. 2)
I(AV)
6.0
22.0
A
Peak Forward Surge Current, 8.3 ms Single Half
Sine-wave Superimposed on Rated Load (JEDEC
method )
IFSM
400
A
VF
0.95
Maximum Instantaneous Forward Voltage @ 6.0A
@ 100A
1.25
1.30
V
Maximum DC Reverse Current @ TA=25°C
at Rated DC Blocking Voltage @ TA=100°C
IR
5.0
1000
uA
uA
Typical Junction Capacitance ( Note 1 )
Cj
150
pF
Typical Thermal Resistance (Note 2)
R
θJA
R
θJL
20.0
4.0
°C/W
Operating Junction Temperature Range
TJ
-50 to +150
°C
Storage Temperature Range
TSTG
-50 to +150
°C
Notes: 1. Measured at 1.0 MHz and applied reverse voltage of 4.0 Volts
2. Mount on copper pad, size 16mm x 16mm on P.C.B.
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
FEATURES
MECHANICAL DATA
Pb-free lead finish (second-level interconnect).
TS750-TS758
High forward current capability
Diffused junction
High surge current capability
High temperature soldering guaranteed:
260°C/10 seconds, 0.375”(9.5mm) lead
length, 5lbs.(2.3kg) tension


Similar Part No. - TS752

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS752 TSC-TS752 Datasheet
66Kb / 2P
6.0 AMPS. Silicon Rectifiers
More results

Similar Description - TS752

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
U6SB60 SHINDENGEN-U6SB60 Datasheet
307Kb / 6P
General Purpose Rectifiers(600V 6A)
U6SBA60 SHINDENGEN-U6SBA60 Datasheet
315Kb / 6P
General Purpose Rectifiers(600V 6A)
logo
TAITRON Components Inco...
TU600 TAITRON-TU600 Datasheet
201Kb / 4P
6A Bridge Rectifiers
logo
Frontier Electronics.
BJ6-005 FRONTIER-BJ6-005 Datasheet
123Kb / 2P
6A BRIDGE RECTIFIERS
BU6-005 FRONTIER-BU6-005 Datasheet
56Kb / 2P
6A SILICON SINGLE-PHASE BRIDGE RECTIFIERS
BU6-005F FRONTIER-BU6-005F Datasheet
121Kb / 2P
6A SILICON SINGLE-PHASE BRIDGE RECTIFIERS
BU6-005-LFR FRONTIER-BU6-005-LFR Datasheet
121Kb / 2P
6A SILICON SINGLE-PHASE BRIDGE RECTIFIERS
GBU6-005 FRONTIER-GBU6-005 Datasheet
124Kb / 2P
6A SILICON SINGLE-PHASE BRIDGE RECTIFIERS
GBU6-005-LFR FRONTIER-GBU6-005-LFR Datasheet
124Kb / 2P
6A SILICON SINGLE-PHASE BRIDGE RECTIFIERS
GBU6-06-BF52-LFR FRONTIER-GBU6-06-BF52-LFR Datasheet
123Kb / 2P
6A SILICON SINGLE-PHASE BRIDGE RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com