Electronic Components Datasheet Search
  English  ▼

X  

TS754 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # TS754
Description  6A Silicon Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

TS754 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  TS754 Datasheet HTML 1Page - List of Unclassifed Manufacturers TS754 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.SiliconStandard.com
2 of 2
FIG.6- TYPICAL TRANSIENT THERMAL IMPEDANCE
1
0.01
0.1
10
100
0.1
10
1
100
T, PULSE DURATION, sec.
FIG.1- MAXIMUM FORWARD CURRENT DERATING
CURVE
0
20
40
60
80
100
120
140
180 200
160
0
2.0
1.0
3.0
4.0
5.0
6.0
7.0
8.0
AMBIENT TEMPERATURE. ( C)
o
1.1 x 1.0" (30 x 30Mmm)
COPPER PADS
60 Hz RESISTIVE OR
INDUCTIVE LOAD
GROUND PLANE
1.0X1.0"
(25.4 X 25.4mm)
COPPER
SURFACE AREA
0.050"(1.27mm) min.
ALTERNATE
P.C.B.
FIG.4- TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTICS
1.8
0.6
0.8
1.0
1.2
1.4
1.6
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
0.1
0.01
1
10
100
Tj=25 C
PULSE WIDTH-300 S
1% DUTY CYCLE
0
FIG.3- TYPICAL REVERSE CHARACTERISTICS
0
20
40
60
80
100
120
140
PERCENT OF RATED PEAK REVERSE VOLTAGE. (%)
0.1
0.01
1
10
100
Tj=125 C
0
Tj=25 C
0
Tj=100 C
0
FIG.2- MAXIMUM FORWARD CURRENT DERATING
CURVE
0
20
40
60
80
100
120
140
180 200
160
4.0
0
8.0
12
16
20
24
28
LEAD TEMPERATURE. ( C)
o
60 Hz RESISTIVE OR
INDUCTIVE LOAD
L=0.125" (3.18mm)
L=0.25"
(6.35mm)
L=0.375"
(9.5mm)
L=0.625" (15.8mm)
BOTH LEADS
ATTACHED as HEAT
SINKS WITH
LENGTH as
SHOWN, L
FIG.5- MAXIMUM PEAK FORWARD SURGE CURRENT
0.1
1.0
10
0
100
600
NUMBER OF CYCLES AT 60Hz
V
may be APPLIED
BETWEEN EACH CYCLE of
SURGE, the Tj NOTED is Tj
PRIOR to SURGE
RRM
Tj=25 C
0
Tj=150
C
0
NON-REPETITIVE
Information furnished by Silicon Standard Corporation is believed to be accurate and reliable. However, Silicon Standard Corporation makes no
guarantee or warranty, express or implied, as to the reliability, accuracy, timeliness or completeness of such information and assumes no
responsibility for its use, or for infringement of any patent or other intellectual property rights of third parties that may result from its
use. Silicon Standard reserves the right to make changes as it deems necessary to any products described herein for any reason, including
without limitation enhancement in reliability, functionality or design. No license is granted, whether expressly or by implication, in relation to
the use of any products described herein or to the use of any information provided herein, under any patent or other intellectual property rights of
Silicon Standard Corporation or any third parties.
RATINGS AND CHARACTERISTIC CURVES
8/26/2004 Rev.1.01
TS750-TS758



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com