Electronic Components Datasheet Search
  English  ▼

X  

482 Datasheet(PDF) 1 Page - Littelfuse

Part # 482
Description  Blade Terminal & Special Purpose Fuses
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

482 Datasheet(HTML) 1 Page - Littelfuse

  482 Datasheet HTML 1Page - Littelfuse 482 Datasheet HTML 2Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Blade Terminal & Special Purpose Fuses
461
www .littelfuse .com
482 Series Alarm Indicating Fuseholder
The Alarm Indicating Fuseholder is designed for use with the
Littelfuse 481 Alarm Fuse. It is designed to accept other manufacturer’s
replacement fuses as well.
• Ideal for telecommunications and control panel circuits.
The fuseholder is available in three versions:
PCB Mount: Can be soldered directly to a printed circuit board. Rated
up to 15 amperes. Available in single pole or gangable up to 20 poles.
Fuseholder is keyed to prevent insertion of 20 ampere fuse.
Panel Mount – 20A: Available in a single pole version rated up to 20
amperes. Large leads for wire attachment.
Panel Mount – 15A: 15 ampere gangable version of fuseholder is keyed to
prevent insertion of 20 ampere fuse.
AGENCY APPROVALS: Recognized under the Components Program
of Underwriters Laboratories and the Components Acceptance Program
of CSA.
AGENCY FILE NUMBERS: UL E14721, CSA LR 29862
SPECIFICATIONS:
PCB Mount and Panel Mount – 15A: Rated at 15 amperes up to
125 VAC/VDC
Body Material: Thermoplastic
Fuse Terminals: Tin-plated Beryllium Copper
Alarm Terminal: Tin-plated Brass
Operating Temperature: -550C to + 1250C
Panel Mount – 20A: Rated at 20 amperes up to 125 VAC/VDC
Body Material: Black Phenolic
Fuse Terminals: Tin-plated Beryllium Copper
Alarm Terminal: Tin-plated Brass
Operating Temperature: -400C to + 850C
Flush Side Options
Available for PCB and
Panel Mount Version.
5 POLE HOLDER ASSEMBLY
WITH FLUSH OPTION
482 Series PCB Mount Fuseholder
®
®
Catalog Number
Catalog Number
PCB Mount
PCB Mount Flush
Type
Length (A)
ORDERING INFORMATION: PCB Mount
0482 0001ZXB
0482 0002ZXB
0482 0003ZXB
0482 0004ZXB
0482 0005ZXB
0482 0006ZXB
0482 0007ZXB
0482 0008ZXB
0482 0009ZXB
0482 00010ZXB
0482 00011ZXB
0482 00012ZXB
0482 00013ZXB
0482 00014ZXB
0482 00015ZXB
0482 00016ZXB
0482 00017ZXB
0482 00018ZXB
0482 00019ZXB
0482 00020ZXB
0482 0001ZXBF
0482 0002ZXBF
0482 0003ZXBF
0482 0004ZXBF
0482 0005ZXBF
0482 0006ZXBF
0482 0007ZXBF
0482 0008ZXBF
0482 0009ZXBF
0482 00010ZXBF
0482 00011ZXBF
0482 00012ZXBF
0482 00013ZXBF
0482 00014ZXBF
0482 00015ZXBF
0482 00016ZXBF
0482 00017ZXBF
0482 00018ZXBF
0482 00019ZXBF
0482 00020ZXBF
1 Pole
2 Pole
3 Pole
4 Pole
5 Pole
6 Pole
7 Pole
8 Pole
9 Pole
10 Pole
11 Pole
12 Pole
13 Pole
14 Pole
15 Pole
16 Pole
17 Pole
18 Pole
19 Pole
20 Pole
FEMALE LATCHING & FLUSH SIDE
WITHOUT TABS
TYPICAL HOLDER ASSEMBLY
21.3mm
(.84")
TYP
6.4mm
(.25")
TYP
A
18.5mm
(.73")
12.4mm
(.49")
1.6mm
(.062")
TYP
4.1mm
(.16")
TYP
19.8mm
(.78"
)
TYP
± .03
6.4mm
(.250") ±.005
10.7mm
(.420") ±.005
6.4mm
(.250") ±.005
Ø 2.3mm HOLES
(.090")
(3 HOLES)
RECOMMENDED P. C. BOARD
MOUNTING HOLES
Alarm Terminal
6.40mm (.25”)
12.80mm (.50")
19.05mm (.75")
25.40mm (1.0")
31.75mm (1.25")
38.10mm (1.50")
44.45mm (1.75")
50.80mm (2.00")
57.15mm (2.25")
63.50mm (2.50")
69.85mm (2.75")
76.20mm (3.00")
82.55mm (3.25")
88.90mm (3.50")
95.25mm (3.75")
101.60mm (4.00")
107.95mm (4.25")
114.30mm (4.50")
120.65mm (4.75")
127.00mm (5.00")
PCB Mount – 15A: 15 ampere gangable version of fuseholder is keyed
to prevent insertion of 20 ampere fuse. Please contact Littelfuse for
ordering information.
12


Similar Part No. - 482

ManufacturerPart #DatasheetDescription
logo
Mallory performance clu...
482 MALLORY-482 Datasheet
68Kb / 2P
ADJUSTABLE FLANGE DISTRIBUTOR ADJUSTMENT
logo
List of Unclassifed Man...
482 ETC2-482 Datasheet
268Kb / 1P
ROUND INSTRUMENTATION HANDLES
logo
Bi technologies
482 BITECH-482 Datasheet
255Kb / 3P
Precision Potentiometer / Position Sensor
logo
France Joint
482 FRANCEJOINT-482 Datasheet
383Kb / 5P
WIPER SEALS
logo
TT Electronics.
482 TTELEC-482 Datasheet
1Mb / 4P
Linear Precision Potentiometer
04/2019
More results

Similar Description - 482

ManufacturerPart #DatasheetDescription
logo
Littelfuse
257 LITTELFUSE-257 Datasheet
55Kb / 1P
Blade Terminal & Special Purpose Fuses -Low Voltage
297 LITTELFUSE-297 Datasheet
54Kb / 1P
Blade Terminal & Special Purpose Fuses - Low Voltage
298 LITTELFUSE-298 Datasheet
52Kb / 1P
Blade Terminal & Special Purpose Fuses - Low Voltage
299 LITTELFUSE-299 Datasheet
51Kb / 1P
Blade Terminal & Special Purpose Fuses - Low Voltage
481 LITTELFUSE-481 Datasheet
38Kb / 1P
Blade Terminal & Special Purpose Fuses
498 LITTELFUSE-498 Datasheet
66Kb / 1P
Blade Terminal & Special Purpose Fuses - Low Voltage
995 LITTELFUSE-995 Datasheet
72Kb / 1P
Blade Terminal & Special Purpose Fuses - Low Voltage
997 LITTELFUSE-997 Datasheet
59Kb / 1P
Blade Terminal & Special Purpose Fuses - Low Voltage
LVSP LITTELFUSE-LVSP Datasheet
89Kb / 2P
Blade Terminal & Special Purpose Fuses - Surge Fuses
0242.050 LITTELFUSE-0242.050 Datasheet
86Kb / 1P
Blade Terminal & Special Purpose Fuses
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com