Electronic Components Datasheet Search
  English  ▼

X  

VBMB15R13 Datasheet(PDF) 1 Page - VBsemi Electronics Co.,Ltd

Part # VBMB15R13
Description  N-Channel 500V (D-S)Power MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VBSEMI [VBsemi Electronics Co.,Ltd]
Direct Link  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd

VBMB15R13 Datasheet(HTML) 1 Page - VBsemi Electronics Co.,Ltd

  VBMB15R13 Datasheet HTML 1Page - VBsemi Electronics Co.,Ltd VBMB15R13 Datasheet HTML 2Page - VBsemi Electronics Co.,Ltd VBMB15R13 Datasheet HTML 3Page - VBsemi Electronics Co.,Ltd VBMB15R13 Datasheet HTML 4Page - VBsemi Electronics Co.,Ltd VBMB15R13 Datasheet HTML 5Page - VBsemi Electronics Co.,Ltd VBMB15R13 Datasheet HTML 6Page - VBsemi Electronics Co.,Ltd VBMB15R13 Datasheet HTML 7Page - VBsemi Electronics Co.,Ltd VBMB15R13 Datasheet HTML 8Page - VBsemi Electronics Co.,Ltd VBMB15R13 Datasheet HTML 9Page - VBsemi Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1
FEATURES
• Lower Gate Charge Qg Results in Simpler Drive
Reqirements
• Improved Gate, Avalanche and Dynamic dV/dt
Ruggedness
• Fully Characterized Capacitance and Avalanche Voltage
• Compliant to RoHS Directive 2002/95/EC
APPLICATIONS
• Switch Mode Power Supply (SMPS)
• Uninterruptible Power Supplies
• High Speed Power Switching
Notes
a. Repetitive rating; pulse width limited by maximum junction temperature (see fig. 11).
b. Starting TJ = 25 °C, L = 5.7 mH, Rg = 25 , IAS =14 A, dV/dt = 7.6 V/ns (see fig. 12a).
c. ISD  14 A, dI/dt  250 A/μs, VDD  VDS, TJ  150 °C.
d. 1.6 mm from case.
PRODUCT SUMMARY
VDS (V)
500
RDS(on) ()VGS = 10 V
0.660
Qg (Max.) (nC)
75
Qgs (nC)
18
Qgd (nC)
34
Configuration
Single
N-Channel MOSFET
G
D
S
Available
ABSOLUTE MAXIMUM RATINGS (TC = 25 °C, unless otherwise noted)
PARAMETER
SYMBOL
LIMIT
UNIT
Drain-Source Voltage
VDS
500
V
Gate-Source Voltage
VGS
± 30
Continuous Drain Current
VGS at 10 V
TC = 25 °C
ID
13
A
TC = 100 °C
8.1
Pulsed Drain Currenta
IDM
50
Linear Derating Factor
2.0
W/°C
Single Pulse Avalanche Energyb
EAS
560
mJ
Avalanche Currenta
IAR
13
A
Repetitive Avalanche Energya
EAR
25
mJ
Maximum Power Dissipation
TC = 25 °C
PD
240
W
Peak Diode Recovery dV/dtc
dV/dt
9.2
V/ns
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to + 150
°C
Soldering Recommendations (Peak Temperature)
for 10 s
300d
Mounting Torque
6-32 or M3 screw
10
lbf · in
1.1
N · m
www.VBsemi.com
VBMB15R13
G D S
TO-220 FULLPAK
N-Channel 500V (D-S) Power MOSFET


Similar Part No. - VBMB15R13

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
VBMB15R11S VBSEMI-VBMB15R11S Datasheet
823Kb / 10P
N-Channel 500V (D-S) Super Junction Power MOSFET
VBMB15R14S VBSEMI-VBMB15R14S Datasheet
901Kb / 10P
N-Channel 500-V (D-S) Super Junction MOSFET
VBMB15R15S VBSEMI-VBMB15R15S Datasheet
813Kb / 10P
N-Channel 500V (D-S) Super Junction Power MOSFET
VBMB15R18S VBSEMI-VBMB15R18S Datasheet
586Kb / 10P
N-Channel 500-V (D-S) Super Junction MOSFET
More results

Similar Description - VBMB15R13

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
VBM15R08 VBSEMI-VBM15R08 Datasheet
760Kb / 9P
N-Channel 500V (D-S)Power MOSFET
7N50L-TA3-T VBSEMI-7N50L-TA3-T Datasheet
1Mb / 9P
N-Channel 500V (D-S) Power MOSFET
8N50 VBSEMI-8N50 Datasheet
1Mb / 9P
N-Channel 500V (D-S) Power MOSFET
MTP5N40E VBSEMI-MTP5N40E Datasheet
1Mb / 9P
N-Channel 500V (D-S)Power MOSFET
P9NB50 VBSEMI-P9NB50 Datasheet
1Mb / 9P
N-Channel 500V (D-S) Power MOSFET
UF730L-TA3-T VBSEMI-UF730L-TA3-T Datasheet
1Mb / 9P
N-Channel 500V (D-S) Power MOSFET
UF840L-TA3-T VBSEMI-UF840L-TA3-T Datasheet
1Mb / 9P
N-Channel 500V (D-S) Power MOSFET
VBM15R10S VBSEMI-VBM15R10S Datasheet
512Kb / 9P
N-Channel 500V (D-S)Power MOSFET
VBM15R08 VBSEMI-VBM15R08_V01 Datasheet
512Kb / 9P
N-Channel 500V (D-S) Power MOSFET
VBM15R13 VBSEMI-VBM15R13_V01 Datasheet
491Kb / 9P
N-Channel 500V (D-S) Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com