Electronic Components Datasheet Search
  English  ▼

X  

1757035 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1757035
Description  MDSTB 2,5/ 4-G1-5,08
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1757035 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1757035 Datasheet HTML 1Page - PHOENIX CONTACT 1757035 Datasheet HTML 2Page - PHOENIX CONTACT 1757035 Datasheet HTML 3Page - PHOENIX CONTACT 1757035 Datasheet HTML 4Page - PHOENIX CONTACT 1757035 Datasheet HTML 5Page - PHOENIX CONTACT 1757035 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
PHOENIX CONTACT Deutschland GmbH
Page 1 / 6
http://www.phoenixcontact.de
Feb 24, 2010
Extract from the online
catalog
 
MDSTB 2,5/ 4-G1-5,08
Order No.: 1736713
The figure shows a 10-position version of the product
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=1736713
 
 
Header, Nominal current: 10 A, Nom. voltage: 250 V, Pitch: 5.08 mm,
Number of positions: 4, Color: green, Assembly: Soldering
 
Commercial data
EAN
4017918027872
Pack
50 pcs.
Customs tariff
85366990
Weight/Piece
0.00844 KG
Catalog page information
Page 261 (CC-2009)
Product notes
WEEE/RoHS-compliant since:
01/01/2003
http://
www.download.phoenixcontact.com
Please note that the data given
here has been taken from the
online catalog. For comprehensive
information and data, please refer
to the user documentation. The
General Terms and Conditions of
Use apply to Internet downloads.
Technical data
Dimensions / positions
Pitch
5.08 mm
Dimension a
15.24 mm
Number of positions
4
Pin dimensions
1 x 1 mm
Hole diameter
1.4 mm


Similar Part No. - 1757035

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1757035 PHOENIX-1757035 Datasheet
148Kb / 7P
MSTB 2,5/ 4-ST-5,08
1757035 PHOENIX-1757035 Datasheet
150Kb / 6P
MSTBV 2,5/ 4-G-5,08
1757035 PHOENIX-1757035 Datasheet
150Kb / 6P
MSTB 2,5/ 4-G-5,08
1757035 PHOENIX-1757035 Datasheet
146Kb / 7P
IC 2,5/ 4-ST-5,08
1757035 PHOENIX-1757035 Datasheet
148Kb / 6P
MSTB 2,5/ 4-G-5,08-LA
More results

Similar Description - 1757035

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1762376 PHOENIX-1762376 Datasheet
185Kb / 6P
MDSTB 2,5/ 3-G1-5,08
1762415 PHOENIX-1762415 Datasheet
185Kb / 6P
MDSTB 2,5/ 6-G1-5,08
1762428 PHOENIX-1762428 Datasheet
334Kb / 14P
Feed-through header - MDSTB 2,5/ 7-G1-5,08
1762444 PHOENIX-1762444 Datasheet
185Kb / 6P
MDSTB 2,5/ 9-G1-5,08
1762512 PHOENIX-1762512 Datasheet
182Kb / 5P
MDSTB 2,5/17-G1-5,08
1762538 PHOENIX-1762538 Datasheet
182Kb / 5P
MDSTB 2,5/19-G1-5,08
1762680 PHOENIX-1762680 Datasheet
182Kb / 5P
MDSTB 2,5/20-G1-5,08
1762855 PHOENIX-1762855 Datasheet
180Kb / 5P
MDSTB 2,5/18-G1
1938948 PHOENIX-1938948 Datasheet
269Kb / 9P
PCB header - MDSTB 2,5/ 2-G1-5,08
Jan 3, 2023
1938951 PHOENIX-1938951 Datasheet
269Kb / 9P
PCB header - MDSTB 2,5/ 5-G1-5,08
Nov 30, 2022
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com