Electronic Components Datasheet Search
  English  ▼

X  

FXPS7550DI4 Datasheet(PDF) 49 Page - NXP Semiconductors

Part # FXPS7550DI4
Description  Digital absolute pressure sensor, 20 to 550 kPa
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXPS7550DI4 Datasheet(HTML) 49 Page - NXP Semiconductors

Back Button FXPS7550DI4 Datasheet HTML 45Page - NXP Semiconductors FXPS7550DI4 Datasheet HTML 46Page - NXP Semiconductors FXPS7550DI4 Datasheet HTML 47Page - NXP Semiconductors FXPS7550DI4 Datasheet HTML 48Page - NXP Semiconductors FXPS7550DI4 Datasheet HTML 49Page - NXP Semiconductors FXPS7550DI4 Datasheet HTML 50Page - NXP Semiconductors FXPS7550DI4 Datasheet HTML 51Page - NXP Semiconductors FXPS7550DI4 Datasheet HTML 52Page - NXP Semiconductors FXPS7550DI4 Datasheet HTML 53Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 71 page
background image
NXP Semiconductors
FXPS7550D4
Digital absolute pressure sensor, 20 to 550 kPa
FXPS7550D4
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2019. All rights reserved.
Product data sheet
Rev. 5 — 15 July 2019
49 / 71
Table 81. Range Indication Bits (RANGE[3:0])
RANGE[3]
RANGE[2]
RANGE[1]
RANGE[0]
Absolute Pressure Range (kPa)
0
0
0
0
Rated Pressure Range
0
0
0
1
reserved
0
0
1
0
reserved
0
0
1
1
reserved
0
1
0
0
reserved
0
1
0
1
reserved
0
1
1
0
reserved
0
1
1
1
reserved
1
0
0
0
reserved
1
0
0
1
reserved
1
0
1
0
reserved
1
0
1
1
reserved
1
1
0
0
reserved
1
1
0
1
reserved
1
1
1
0
reserved
1
1
1
1
reserved
7.7.24 IC type register (Address C0h)
The IC type register is a factory programmable OTP register that contains the IC type
as defined below. This register is included in the factory programmed OTP array error
detection. This register is readable in SPI mode or I2C mode when ENDINIT is not set.
Table 82. IC TYPE REGISTER (ICTYPEID address C0h) bit allocation
Bit
7
6
5
4
3
2
1
0
Symbol
ICTYPEID[7:0]
Reset
0
0
0
0
0
0
1
0
Access
R
R
R
R
R
R
R
R
7.7.25 IC manufacturer revision register (Address C1h)
The IC manufacturer revision register is a factory programmable OTP register that
contains the IC revision. The upper nibble contains the main IC revision. The lower nibble
contains the sub IC revision. This register is included in the factory programmed OTP
array error detection. This register is readable in SPI mode or I2C mode when ENDINIT is
not set.
Table 83. IC MANUFACTURER REVISION REGISTER (ICREVID address C1h) bit allocation
Bit
7
6
5
4
3
2
1
0
Symbol
ICREVID[7:0]
Reset
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A
Access
R
R
R
R
R
R
R
R
7.7.26 IC manufacturer identification register (address C2h)
The IC manufacturer identification register is a factory programmable OTP register
that identifies NXP as the IC manufacturer. This register is included in the factory



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com