Electronic Components Datasheet Search
  English  ▼

X  

SSD1818 Datasheet(PDF) 39 Page - List of Unclassifed Manufacturers

Part # SSD1818
Description  LCD Segment / Common Driver with Controller
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SSD1818 Datasheet(HTML) 39 Page - List of Unclassifed Manufacturers

Back Button SSD1818 Datasheet HTML 35Page - List of Unclassifed Manufacturers SSD1818 Datasheet HTML 36Page - List of Unclassifed Manufacturers SSD1818 Datasheet HTML 37Page - List of Unclassifed Manufacturers SSD1818 Datasheet HTML 38Page - List of Unclassifed Manufacturers SSD1818 Datasheet HTML 39Page - List of Unclassifed Manufacturers SSD1818 Datasheet HTML 40Page - List of Unclassifed Manufacturers SSD1818 Datasheet HTML 41Page - List of Unclassifed Manufacturers SSD1818 Datasheet HTML 42Page - List of Unclassifed Manufacturers SSD1818 Datasheet HTML 43Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 44 page
background image
SSD1818 Series
Rev 1.2
08/2002
SOLOMON
35
Symbol
Parameter
Min
Typ
Max
Unit
tcycle
Clock Cycle Time
300
-
-
ns
tAS
Address Setup Time
0
-
-
ns
tAH
Address Hold Time
0
-
-
ns
tDSW
Write Data Setup Time
40
-
-
ns
tDHW
Write Data Hold Time
15
-
-
ns
tDHR
Read Data Hold Time
20
-
-
ns
tOH
Output Disable Time
-
-
70
ns
tACC
Access Time
-
-
140
ns
PWCSL
Chip Select Low Pulse Width (read)
Chip Select Low Pulse Width (write)
120
60
-
-
-
-
ns
PWCSH
Chip Select High Pulse Width (read)
Chip Select High Pulse Width (write)
60
60
-
-
-
-
ns
tR
Rise Time
-
-
15
ns
tF
Fall Time
-
-
15
ns
Table 13 - Interface Timing Characteristics (VDD - VSS = 2.4 to 3.5V, TA = -35 to 85°C)
t
OH
t
DHR
t
ACC
Valid Data
Valid Data
t
DSW
t
DHW
t
R
t
F
PW
CSL
PW
CSH
t
cycle
t
AH
t
AS
D
0-D7
(Read data from driver)
D
0-D7
(Write data to driver)
WR
RD
CS1
CS2 = 1
D/C
Figure 10 - 8080-series MPU Parallel Interface Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com