Electronic Components Datasheet Search
  English  ▼

X  

TAS5186 Datasheet(PDF) 3 Page - Texas Instruments

Part # TAS5186
Description  6-Channel, 210-W, Digital-Amplifier Power Stage
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5186 Datasheet(HTML) 3 Page - Texas Instruments

  TAS5186 Datasheet HTML 1Page - Texas Instruments TAS5186 Datasheet HTML 2Page - Texas Instruments TAS5186 Datasheet HTML 3Page - Texas Instruments TAS5186 Datasheet HTML 4Page - Texas Instruments TAS5186 Datasheet HTML 5Page - Texas Instruments TAS5186 Datasheet HTML 6Page - Texas Instruments TAS5186 Datasheet HTML 7Page - Texas Instruments TAS5186 Datasheet HTML 8Page - Texas Instruments TAS5186 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
www.ti.com
TAS5186
SLES136 – MAY 2005
GENERAL INFORMATION (continued)
TERMINAL FUNCTIONS
TERMINAL
TYPE(1)
DESCRIPTION
NAME
NO.
AGND
12
P
Analog ground
BST_A
23
P
HS bootstrap supply (BST), capacitor to OUT_A required
BST_B
29
P
HS bootstrap supply (BST), external capacitor to OUT_B required
BST_BIAS
21
P
BIAS bootstrap supply, external capacitor to OUT_BIAS required
BST_C
30
P
HS bootstrap supply (BST), external capacitor to OUT_C required
BST_D
37
P
HS bootstrap supply (BST), external capacitor to OUT_D required
BST_E
38
P
HS bootstrap supply (BST), external capacitor to OUT_E required
BST_F
44
P
HS bootstrap supply (BST), external capacitor to OUT_F required
GND
11
P
Chip ground
GVDD_ABC
20
P
Gate drive voltage supply
GVDD_DEF
3
P
Gate drive voltage supply
M1
10
I
Mode selection pin
M2
9
I
Mode selection pin
M3
8
I
Mode selection pin
OC_ADJ
14
O
Overcurrent threshold programming pin, resistor to ground required
OTW
16
O
Overtemperature warning open-drain output signal, active-low
OUT_A
25
O
Output, half-bridge A, satellite
OUT_B
27
O
Output, half-bridge B, satellite
OUT_BIAS
22
O
BIAS half-bridge output pin
OUT_C
32
O
Output, half-bridge C, subwoofer
OUT_D
35
O
Output, half-bridge D, satellite
OUT_E
40
O
Output, half-bridge E, satellite
OUT_F
42
O
Output, half-bridge F, satellite
PGND_AB
26
P
Power ground
PGND_C
33
P
Power ground
PGND_D
34
P
Power ground
PGND_EF
1, 41
P
Power ground
PVDD_A
24
P
Power-supply input for half-bridge A
PVDD_B
28
P
Power-supply input for half-bridge B
PVDD_C
31
P
Power-supply input for half-bridge C
PVDD_D
36
P
Power-supply input for half-bridge D
PVDD_E
39
P
Power-supply input for half-bridge E
PVDD_F
43
P
Power-supply input for half-bridge F
PWM_A
19
I
PWM input signal for half-bridge A
PWM_B
18
I
PWM input signal for half-bridge B
PWM_C
17
I
PWM input signal for half-bridge C
PWM_D
6
I
PWM input signal for half-bridge D
PWM_E
5
I
PWM input signal for half-bridge E
PWM_F
2
I
PWM input signal for half-bridge F
RESET
7
I
Reset signal (active-low logic)
SD
15
O
Shutdown open-drain output signal, active-low
VDD
4
P
Power supply for digital voltage regulator
VREG
13
O
Digital regulator supply filter pin, output
(1)
I = input; O = output; P = power
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com