Electronic Components Datasheet Search
  English  ▼

X  

TAS5186DDVR Datasheet(PDF) 7 Page - Texas Instruments

Part # TAS5186DDVR
Description  6-Channel, 210-W, Digital-Amplifier Power Stage
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5186DDVR Datasheet(HTML) 7 Page - Texas Instruments

Back Button TAS5186DDVR Datasheet HTML 3Page - Texas Instruments TAS5186DDVR Datasheet HTML 4Page - Texas Instruments TAS5186DDVR Datasheet HTML 5Page - Texas Instruments TAS5186DDVR Datasheet HTML 6Page - Texas Instruments TAS5186DDVR Datasheet HTML 7Page - Texas Instruments TAS5186DDVR Datasheet HTML 8Page - Texas Instruments TAS5186DDVR Datasheet HTML 9Page - Texas Instruments TAS5186DDVR Datasheet HTML 10Page - Texas Instruments TAS5186DDVR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
www.ti.com
RECOMMENDED OPERATING CONDITIONS
AUDIO SPECIFICATION
TAS5186
SLES136 – MAY 2005
MIN
TYP
MAX
UNIT
PVDD_X
Half-bridge supply, SE
DC supply voltage at pin(s)
0
40
V
GVDD
Gate drive and guard ring supply voltage
DC voltage at pin(s)
10.8
12
13.2
V
VDD
Digital regulator supply
DC supply voltage at pin
10.8
12
13.2
V
Any value of RPU,EXT within
VPU
Pullup voltage supply
3
5
5.5
V
recommended range
Resistive load impedance, satellite
Recommended demodulation filter
RL,SAT
4
6
Ω
channels(1)
Resistive load impedance, subwoofer
Recommended demodulation filter
RL,SUB
2.25
3
Ω
channel
Minimum output inductance under
Loutput
Demodulation filter inductance
5
22
µH
short-circuit condition
Coutput,sat
Demodulation filter capacitance
1
µF
Coutput,sub
Demodulation filter capacitance
0.47
µF
FPWM
PWM frame rate
192
384
432
kHz
(1)
Load impedance outside range listed might cause shutdown due to OLP, OTE, or NLP.
PVDD_X = 40 V, GVDD = 12 V, audio frequency = 1 kHz, AES17 measurement filter, F
PWM = 384 kHz, case temperature =
75°C. Audio performance is recorded as a chipset, using TAS5086 PWM processor with an effective modulation index limit of
97%. All performance is in accordance with the foregoing specifications and recommended operating conditions unless
otherwise specified.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
RL = 6 Ω, 10% THD, clipped input signal
30
RL = 8 Ω, 10% THD, clipped input signal
25
PO,sat
Power output per satellite channel
W
RL = 6 Ω, 0 dBFS, unclipped input signal
25
RL = 8 Ω, 0 dBFS, unclipped input signal
20
RL = 3 Ω, 10% THD, clipped input signal
60
RL = 4 Ω, 10% THD, clipped input signal
52
PO,sub
Power output, subwoofer
W
RL = 3 Ω, 0 dBFS, unclipped input signal
50
RL = 4 Ω, 0 dBFS, unclipped input signal
40
RL = 6 Ω, PO = 25 W
0.3%
Total harmonic distortion + noise,
satellite
RL = 6 Ω, 1 W
0.03%
THD + N
RL = 3 Ω, PO = 50 W
0.5%
Total harmonic distortion + noise,
subwoofer
RL = 3 Ω, 1 W
0.03%
Output integrated noise, satellite
A-weighted
55
Vn
µV
Output integrated noise, subwoofer
A-weighted
60
SNR
System signal-to-noise ratio
A-weighted
105
dB
DNR
Dynamic range(1)
A-weighted, –60 dBFs input signal
105
dB
PO = 0 W, all channels running 5.1 mode(2)
8
W
Power dissipation due to idle losses
Pidle
(IPVDDX)
PO = 0 W, 2.1 mode
4
W
(1)
SNR is calculated relative to 0-dBFS input level.
(2)
Actual system idle losses are affected by core losses of output inductors.
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com