Electronic Components Datasheet Search
  English  ▼

X  

VBMB1638 Datasheet(PDF) 3 Page - VBsemi Electronics Co.,Ltd

Part # VBMB1638
Description  N-Channel 60 V (D-S) MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VBSEMI [VBsemi Electronics Co.,Ltd]
Direct Link  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd

VBMB1638 Datasheet(HTML) 3 Page - VBsemi Electronics Co.,Ltd

  VBMB1638 Datasheet HTML 1Page - VBsemi Electronics Co.,Ltd VBMB1638 Datasheet HTML 2Page - VBsemi Electronics Co.,Ltd VBMB1638 Datasheet HTML 3Page - VBsemi Electronics Co.,Ltd VBMB1638 Datasheet HTML 4Page - VBsemi Electronics Co.,Ltd VBMB1638 Datasheet HTML 5Page - VBsemi Electronics Co.,Ltd VBMB1638 Datasheet HTML 6Page - VBsemi Electronics Co.,Ltd VBMB1638 Datasheet HTML 7Page - VBsemi Electronics Co.,Ltd VBMB1638 Datasheet HTML 8Page - VBsemi Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
TYPICAL CHARACTERISTICS 25 °C, unless otherwise noted
Fig. 1 - Typical Output Characteristics, TC = 25 °C
Fig. 2 - Typical Output Characteristics, TC = 175 °C
Fig. 3 - Typical Transfer Characteristics
Fig. 4 - Normalized On-Resistance vs. Temperature
VBMB1638
www.VBsemi.com
3



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com