Electronic Components Datasheet Search
  English  ▼

X  

VBQF1320 Datasheet(PDF) 2 Page - VBsemi Electronics Co.,Ltd

Part # VBQF1320
Description  N-Channel 30-V (D-S) MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VBSEMI [VBsemi Electronics Co.,Ltd]
Direct Link  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd

VBQF1320 Datasheet(HTML) 2 Page - VBsemi Electronics Co.,Ltd

  VBQF1320 Datasheet HTML 1Page - VBsemi Electronics Co.,Ltd VBQF1320 Datasheet HTML 2Page - VBsemi Electronics Co.,Ltd VBQF1320 Datasheet HTML 3Page - VBsemi Electronics Co.,Ltd VBQF1320 Datasheet HTML 4Page - VBsemi Electronics Co.,Ltd VBQF1320 Datasheet HTML 5Page - VBsemi Electronics Co.,Ltd VBQF1320 Datasheet HTML 6Page - VBsemi Electronics Co.,Ltd VBQF1320 Datasheet HTML 7Page - VBsemi Electronics Co.,Ltd VBQF1320 Datasheet HTML 8Page - VBsemi Electronics Co.,Ltd VBQF1320 Datasheet HTML 9Page - VBsemi Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
Notes:
a. Pulse test; pulse width
≤ 300 µs, duty cycle ≤ 2 %
b. Guaranteed by design, not subject to production testing.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
SPECIFICATIONS TJ = 25 °C, unless otherwise noted
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Static
Drain-Source Breakdown Voltage
VDS
VGS = 0 V, ID = 250 µA
30
V
VDS Temperature Coefficient
ΔV
DS /TJ
ID = 250 µA
35
mV/°C
VGS(th) Temperature Coefficient
ΔV
GS(th)/TJ
- 4.5
Gate-Source Threshold Voltage
VGS(th)
VDS = VGS , ID = 250 µA
1.0
2.5
V
Gate-Source Leakage
IGSS
VDS = 0 V, VGS = ± 20 V
± 100
nA
Zero Gate Voltage Drain Current
IDSS
VDS = 30 V, VGS = 0 V
1
µA
VDS = 30 V, VGS = 0 V, TJ = 55 °C
5
On-State Drain Currenta
ID(on)
VDS ≥ 5 V, VGS = 10 V
20
A
Drain-Source On-State Resistancea
RDS(on)
VGS = 10 V, ID = 7.8 A
0.022
Ω
VGS = 4.5 V, ID = 7.0 A
0.025
Forward Transconductancea
gfs
VDS = 10 V, ID = 7.8 A
17
S
Dynamicb
Input Capacitance
Ciss
VDS = 15 V, VGS = 0 V, f = 1 MHz
435
pF
Output Capacitance
Coss
95
Reverse Transfer Capacitance
Crss
42
Total Gate Charge
Qg
VDS = 15 V, VGS = 10 V, ID = 7.8 A
812
nC
VDS = 15 V, VGS = 4.5 V, ID = 7.8 A
3.8
6
Gate-Source Charge
Qgs
1.4
Gate-Drain Charge
Qgd
1.1
Gate Resistance
Rg
f = 1 MHz
1.5
3.2
4.5
Ω
Turn-On Delay Time
td(on)
VDD = 15 V, RL = 2.4 Ω
ID ≅ 6.3 A, VGEN = 4.5 V, Rg = 1 Ω
15
25
ns
Rise Time
tr
12
20
Turn-Off Delay Time
td(off)
13
20
Fall Time
tf
10
15
Turn-On Delay Time
td(on)
VDD = 15 V, RL = 2.4 Ω
ID ≅ 6.3 A, VGEN = 10 V, Rg = 1 Ω
510
Rise Time
tr
10
15
Turn-Off Delay Time
td(off)
15
25
Fall Time
tf
10
15
Drain-Source Body Diode Characteristics
Continuous Source-Drain Diode Current
IS
TC = 25 °C
12
A
Pulse Diode Forward Current
ISM
35
Body Diode Voltage
VSD
IS = 6.3 A, VGS = 0 V
0.8
1.2
V
Body Diode Reverse Recovery Time
trr
IF = 6.3 A, dI/dt = 100 A/µs, TJ = 25 °C
15
25
ns
Body Diode Reverse Recovery Charge
Qrr
712
nC
Reverse Recovery Fall Time
ta
9
ns
Reverse Recovery Rise Time
tb
6
VBQF1320
www.VBsemi.com



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com