Electronic Components Datasheet Search
  English  ▼

X  

VBQF2120 Datasheet(PDF) 2 Page - VBsemi Electronics Co.,Ltd

Part # VBQF2120
Description  P-Channel 12 V (G-S) MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VBSEMI [VBsemi Electronics Co.,Ltd]
Direct Link  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd

VBQF2120 Datasheet(HTML) 2 Page - VBsemi Electronics Co.,Ltd

  VBQF2120 Datasheet HTML 1Page - VBsemi Electronics Co.,Ltd VBQF2120 Datasheet HTML 2Page - VBsemi Electronics Co.,Ltd VBQF2120 Datasheet HTML 3Page - VBsemi Electronics Co.,Ltd VBQF2120 Datasheet HTML 4Page - VBsemi Electronics Co.,Ltd VBQF2120 Datasheet HTML 5Page - VBsemi Electronics Co.,Ltd VBQF2120 Datasheet HTML 6Page - VBsemi Electronics Co.,Ltd VBQF2120 Datasheet HTML 7Page - VBsemi Electronics Co.,Ltd VBQF2120 Datasheet HTML 8Page - VBsemi Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
Notes:
a. Surface mounted on 1" x 1" FR4 board.
b. Maximum under steady state conditions is 72 °C/W.
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Typical
Maximum
Unit
Maximum Junction-to-Ambienta, b
RthJA
3
1
4
2
°C/W
Maximum Junction-to-Foot (Drain)
Steady State
RthJF
1
3
16
SPECIFICATIONS (TJ = 25 °C, unless otherwise noted)
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Static
Drain-Source Breakdown Voltage
VDS
VGS = 0 V, ID = - 250 µA
- 12
V
VDS Temperature Coefficient
V
DS/TJ
ID = - 250 µA
- 13.3
mV/°C
VGS(th) Temperature Coefficient
V
GS(th)/TJ
2.4
Gate-Source Threshold Voltage
VGS(th)
VDS = VGS, ID = - 250 µA
- 0.
5
- 1.5
V
Gate-Source Leakage
IGSS
VDS = 0 V, VGS = 5 V
- 100
nA
Zero Gate Voltage Drain Current
IDSS
VDS = - 12 V, VGS = 0 V
- 1
µA
VDS = - 12 V, VGS = 0 V, TJ = 70 °C
- 10
On-State Drain Currenta
ID(on)
VDS 5 V, VGS = - 4.5 V
- 20
A
Drain-Source On-State Resistancea
RDS(on)
VGS = - 4.5 V, ID = - 1 A
0.015
VGS = - 2.5 V, ID = - 1 A
0.0
21
VGS = - 1.8 V, ID = - 1 A
0.02
3
Forward Transconductancea
gfs
VDS = - 4 V, ID = - 1 A
8.3
S
Dynamicb
Input Capacitance
Ciss
VDS = - 6 V, VGS = 0 V, f = 1 MHz
2220
pF
Output Capacitance
Coss
865
Reverse Transfer Capacitance
Crss
555
Total Gate Charge
Qg
VDS = - 6 V, VGS = - 5 V, ID = - 1 A
38
57
nC
VDS = - 6 V, VGS = - 4.5 V, ID = - 1 A
35
53
Gate-Source Charge
Qgs
7.3
Gate-Drain Charge
Qgd
5.9
Gate Resistance
Rg
VGS = - 0.1 V, f = 1 MHz
28
Turn-On Delay Time
td(on)
VDD = - 6 V, RL = 4 
ID  - 1 A, VGEN = - 4.5 V, Rg = 6 
14
21
ns
Rise Time
tr
25
40
Turn-Off Delay Time
td(off)
380
570
Fall Time
tf
240
360
VBQF2120
www.VBsemi.com



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com