Electronic Components Datasheet Search
  English  ▼

X  

1746965 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1746965
Description  MSTBA 2,5/ 5-G-5,08 BK
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1746965 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1746965 Datasheet HTML 1Page - PHOENIX CONTACT 1746965 Datasheet HTML 2Page - PHOENIX CONTACT 1746965 Datasheet HTML 3Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PHOENIX CONTACT Deutschland GmbH
Page 1 / 3
http://www.phoenixcontact.de
Jan 28, 2011
Extract from the online
catalog
 
MSTBA 2,5/ 5-G-5,08 BK
Order No.: 1746965
The illustration shows version MSTBA 2,5/5-G-5,08 AU
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=1746965
 
 
Header, Nominal current: 12 A, Rated voltage (III/2): 320 V, Number of
positions: 5, Pitch: 5.08 mm, Color: black, Assembly: Soldering
 
Commercial data
GTIN (EAN)
4
017918
366339
sales group
E110
Pack
50 pcs.
Customs tariff
85366990
Product notes
WEEE/RoHS-compliant since:
01/01/2003
http://
www.download.phoenixcontact.com
Please note that the data given
here has been taken from the
online catalog. For comprehensive
information and data, please refer
to the user documentation. The
General Terms and Conditions of
Use apply to Internet downloads.
Certificates / Approvals
Certification
CB, CSA, CUL, UL, VDE-PZI


Similar Part No. - 1746965

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1746961 PHOENIX-1746961 Datasheet
57Kb / 4P
Printed-circuit board connector - PT 1,5/ 3-PVH-5,0 BD:VINOUT
More results

Similar Description - 1746965

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1740246 PHOENIX-1740246 Datasheet
109Kb / 3P
MSTBA 2,5/ 5-G BK
1740408 PHOENIX-1740408 Datasheet
68Kb / 4P
Base strip - MSTBA 2,5/ 6-G-5,08 BK
1740518 PHOENIX-1740518 Datasheet
67Kb / 4P
Base strip - MSTBA 2,5/ 3-G-5,08 BK
1812649 PHOENIX-1812649 Datasheet
39Kb / 1P
MSTBA 2,5 HC/ 2-G-5,08 BK
1746949 PHOENIX-1746949 Datasheet
41Kb / 2P
Base strip - MSTBA 2,5/11-G-5,08 BK
1758681 PHOENIX-1758681 Datasheet
281Kb / 13P
Feed-through header - MSTBA 2,5/10-G-5,08 BK
1759729 PHOENIX-1759729 Datasheet
96Kb / 3P
MSTBA 2,5/16-G-5,08 BK
1783041 PHOENIX-1783041 Datasheet
102Kb / 3P
MSTBA 2,5/ 6-G-5,08 BK AU
1826539 PHOENIX-1826539 Datasheet
96Kb / 2P
MSTBA 2,5/ 8-G-5,08 BK AU
1894419 PHOENIX-1894419 Datasheet
48Kb / 2P
Base strip - MSTBA 2,5/ 5-G-5,08 BK AU
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com