Electronic Components Datasheet Search
  English  ▼

X  

595 Datasheet(PDF) 1 Page - Littelfuse

Part # 595
Description  MINIATURE FUSEHOLDERS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

595 Datasheet(HTML) 1 Page - Littelfuse

  595 Datasheet HTML 1Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
050909
WebSite www.littelfuse.com
In our continuing strategy to deliver unparalleled circuit protection solutions,
technical expertise and application leadership, we proudly introduce the
WICKMANN Group and its products to the Littelfuse portfolio.
3,5
±0,1
2
±0,2
22,7 -0,2
+0,3
±0,05
2,8
1,7
2
1
+0,1
Gerätewand
panel
1 +0,3
0,5 +0,05
12 -0,1
8,5 ±0,5
15,7 ±0,4
Renknase
Bayonet-connector-nose
Schlitz für Schraubendreher
Slot for screw-driver
Note: 1.00 means the number one with two decimal places. 1,000 means the number one thousand.
M
M
M
M
MINIA
INIA
INIA
INIA
INIATURE
TURE
TURE
TURE
TURE
FFFFFUSEHOLDERS
USEHOLDERS
USEHOLDERS
USEHOLDERS
USEHOLDERS
Holder / No. 595
595
595
595
595
not for new developments;
please refer to holder no. 850
Cap / No. 583
583
583
583
583
Montage
Montage
Montage
Montage
Montage
12.7mm diameter D-hole
Admissible torque on plastic hex nut is 1.2Nm
TTTTTerminals
erminals
erminals
erminals
erminals
Solderable or 2.8mm quick connect-fits 0.5mm tab
Protection Class & Category
Protection Class & Category
Protection Class & Category
Protection Class & Category
Protection Class & Category
IP 40 (IEC 60529)
Materials
Materials
Materials
Materials
Materials
Holder:
Duroplastic
(Phenolplast PF), black
Cap:
Thermoplastic (Polyamide
PA 6.6), UL 94 V-0, black
Metal Parts:
Copper alloy,
corrosion protected
Terminals:
solderable tinned
Electrical Data (23 ºC)
Electrical Data (23 ºC)
Electrical Data (23 ºC)
Electrical Data (23 ºC)
Electrical Data (23 ºC)
Rated Voltage:
250 V
max. Current/Power: 6.3 A / 2.5 W
Operating T
Operating T
Operating T
Operating T
Operating Temperature
emperature
emperature
emperature
emperature
-25 °C to 70 °C (consider de-rating)
Stock Conditions
Stock Conditions
Stock Conditions
Stock Conditions
Stock Conditions
10 °C to 70 °C
Contact Resistance
Contact Resistance
Contact Resistance
Contact Resistance
Contact Resistance
≤ 5 mΩ
Dielectric Strength
Dielectric Strength
Dielectric Strength
Dielectric Strength
Dielectric Strength
3 kV, dry
Insulation Resistance
Insulation Resistance
Insulation Resistance
Insulation Resistance
Insulation Resistance
> 103 MΩ (500 V DC, 1 min.)
Solderability
Solderability
Solderability
Solderability
Solderability
235 ºC, 3 sec. (Wave)
350 ºC, 1 sec. (Soldering Iron)
Soldering Heat Resistance
Soldering Heat Resistance
Soldering Heat Resistance
Soldering Heat Resistance
Soldering Heat Resistance
260 °C, 5 sec. (IEC 60068.2-20)
Marking
Marking
Marking
Marking
Marking
595, 250 V
Unit weight
Unit weight
Unit weight
Unit weight
Unit weight
3,4 g (595) / 1,7 g (583)
Specifications
Specifications
Specifications
Specifications
Specifications
Order Information
Order Information
Order Information
Order Information
Order Information
Packaging
Packaging
Packaging
Packaging
Packaging
Bulk (100 St.)
Order Numbers
Order Numbers
Order Numbers
Order Numbers
Order Numbers
Holder
No. 595 0000 000
Cap
No. 583 0000 000
Panel Mount,
Panel Mount,
Panel Mount,
Panel Mount,
Panel Mount,
for 5x20 mm Fuses
for 5x20 mm Fuses
for 5x20 mm Fuses
for 5x20 mm Fuses
for 5x20 mm Fuses
Holes in the Printed Circuit Board
Holes in the Printed Circuit Board
Holes in the Printed Circuit Board
Holes in the Printed Circuit Board
Holes in the Printed Circuit Board


Similar Part No. - 595

ManufacturerPart #DatasheetDescription
logo
Walther-Werke
595 WALTHER-595 Datasheet
958Kb / 2P
Sockets IP 44
logo
HellermannTyton.
595-01101 HELLERMANNTYTON-595-01101 Datasheet
1Mb / 41P
Wire and Cable Markers
595-02101 HELLERMANNTYTON-595-02101 Datasheet
1Mb / 41P
Wire and Cable Markers
595-03101 HELLERMANNTYTON-595-03101 Datasheet
1Mb / 41P
Wire and Cable Markers
595-04101 HELLERMANNTYTON-595-04101 Datasheet
1Mb / 41P
Wire and Cable Markers
More results

Similar Description - 595

ManufacturerPart #DatasheetDescription
logo
Littelfuse
268 LITTELFUSE-268 Datasheet
109Kb / 1P
MINIATURE FUSEHOLDERS
518 LITTELFUSE-518 Datasheet
69Kb / 1P
MINIATURE FUSEHOLDERS
519 LITTELFUSE-519 Datasheet
89Kb / 1P
MINIATURE FUSEHOLDERS
523 LITTELFUSE-523 Datasheet
85Kb / 1P
MINIATURE FUSEHOLDERS
596 LITTELFUSE-596 Datasheet
216Kb / 1P
MINIATURE FUSEHOLDERS
598 LITTELFUSE-598 Datasheet
331Kb / 1P
MINIATURE FUSEHOLDERS
601 LITTELFUSE-601 Datasheet
99Kb / 1P
MINIATURE FUSEHOLDERS
647 LITTELFUSE-647 Datasheet
91Kb / 1P
MINIATURE FUSEHOLDERS
649 LITTELFUSE-649 Datasheet
94Kb / 1P
MINIATURE FUSEHOLDERS
658 LITTELFUSE-658 Datasheet
146Kb / 1P
MINIATURE FUSEHOLDERS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com