Electronic Components Datasheet Search
  English  ▼

X  

598 Datasheet(PDF) 1 Page - Littelfuse

Part # 598
Description  MINIATURE FUSEHOLDERS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

598 Datasheet(HTML) 1 Page - Littelfuse

  598 Datasheet HTML 1Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
050909
WebSite www.littelfuse.com
In our continuing strategy to deliver unparalleled circuit protection solutions,
technical expertise and application leadership, we proudly introduce the
WICKMANN Group and its products to the Littelfuse portfolio.
M8x0,75
=
=
10
0,5
1,1
Kappe eingesetzt
Leiterplatte
Printed circuit board
13±0,3
12±0,3
12,5
12,5
Löcher in Leiterplatte
Holes in the pcb
ø 1,3
ø 1,3
+0,1
+0,1
ø11±0,2
M8x0,75
Schaufenster PC farblos, glasklar
Window PC transparent, clear
(für Kennmelder-Sicherung)
(For indicator fuse)
ø8,4±0,1
ø11±0,2
M8x0,75
Schlitz für Münze
Slot for coin width
Breite 1,8
1,8
ø8,4±0,1
Note: 1.00 means the number one with two decimal places. 1,000 means the number one thousand.
M
M
M
M
MINIA
INIA
INIA
INIA
INIATURE
TURE
TURE
TURE
TURE
FFFFFUSEHOLDERS
USEHOLDERS
USEHOLDERS
USEHOLDERS
USEHOLDERS
Holder / No. 598
598
598
598
598
Not for new designs;
please refer to holder no. 831/834
Cap / No. 585
585
585
585
585
for fuses 5 x 20 mm
for fuses 5 x 20 mm
for fuses 5 x 20 mm
for fuses 5 x 20 mm
for fuses 5 x 20 mm
Montage
Montage
Montage
Montage
Montage
(2) Solder pins0.5 x 1.1mm
Protection Class & Category
Protection Class & Category
Protection Class & Category
Protection Class & Category
Protection Class & Category
IP 40 (IEC 60529)
Materials
Materials
Materials
Materials
Materials
Holder:
Duroplastic
(Phenolplast PF), black
Cap:
Thermoplastic (Polyamide
PA 6.6), UL 94 V-0, black
Metal Parts:
Copper alloy,
corrosion protected
Terminals:
solderable tinned
Electrical Data (23 ºC)
Electrical Data (23 ºC)
Electrical Data (23 ºC)
Electrical Data (23 ºC)
Electrical Data (23 ºC)
Rated Voltage:
250 V
max. Current/Power: 6.3 A / 2.5 W
Operating T
Operating T
Operating T
Operating T
Operating Temperature
emperature
emperature
emperature
emperature
-25 °C to 70 °C (consider de-rating)
Stock Conditions
Stock Conditions
Stock Conditions
Stock Conditions
Stock Conditions
10 °C to 60 °C
Contact Resistance
Contact Resistance
Contact Resistance
Contact Resistance
Contact Resistance
≤ 5 mΩ
Dielectric Strength
Dielectric Strength
Dielectric Strength
Dielectric Strength
Dielectric Strength
3 kV, 50Hz, 1 min., dry
Insulation Resistance
Insulation Resistance
Insulation Resistance
Insulation Resistance
Insulation Resistance
> 103 MΩ (500 V DC, 1 min.)
Solderability
Solderability
Solderability
Solderability
Solderability
235 ºC, 3 sec. (Wave)
350 ºC, 1 sec. (Soldering Iron)
Soldering Heat Resistance
Soldering Heat Resistance
Soldering Heat Resistance
Soldering Heat Resistance
Soldering Heat Resistance
260 °C, 5 sec.
Minimum Cross Section
Minimum Cross Section
Minimum Cross Section
Minimum Cross Section
Minimum Cross Section
Conduction Path - 0.2mm2
Marking
Marking
Marking
Marking
Marking
598, 250 V
Unit weight
Unit weight
Unit weight
Unit weight
Unit weight
4,9 g (598) / 3,6 g (585) / 3,4 g (586)
Specifications
Specifications
Specifications
Specifications
Specifications
Order Information
Order Information
Order Information
Order Information
Order Information
Packaging
Packaging
Packaging
Packaging
Packaging
Bulk (100 St.)
Order Numbers
Order Numbers
Order Numbers
Order Numbers
Order Numbers
Holder
No. 598 0000 000
Cap, 5 x 20 mm
No. 585 0000 000
Cap, 5 x 25 mm
No. 586 0000 000
PC Mount,
PC Mount,
PC Mount,
PC Mount,
PC Mount,
for 5x20mm and 5x25mm
for 5x20mm and 5x25mm
for 5x20mm and 5x25mm
for 5x20mm and 5x25mm
for 5x20mm and 5x25mm
Fuses
Fuses
Fuses
Fuses
Fuses
Holes in the Printed Circuit Board
Holes in the Printed Circuit Board
Holes in the Printed Circuit Board
Holes in the Printed Circuit Board
Holes in the Printed Circuit Board
Cap / No. 586
586
586
586
586
for fuses 5 x 25 mm
for fuses 5 x 25 mm
for fuses 5 x 25 mm
for fuses 5 x 25 mm
for fuses 5 x 25 mm


Similar Part No. - 598

ManufacturerPart #DatasheetDescription
logo
Adafruit Industries
598 ADAFRUIT-598 Datasheet
108Kb / 2P
36-pin 0.1 Female header - pack of 5
logo
Dialight Corporation
598 DIALIGHT-598 Datasheet
1Mb / 2P
Micro LED® SMD LED “598 SERIES” 1210 PACKAGE (3.2mm X 2.7mm X 0.7mm) Bi-Color
logo
HellermannTyton.
598-12027 HELLERMANNTYTON-598-12027 Datasheet
83Kb / 1P
Control Panel Labelling
598-12127 HELLERMANNTYTON-598-12127 Datasheet
31Kb / 1P
Etiketten im Taschenbuch
598-12127 HELLERMANNTYTON-598-12127 Datasheet
83Kb / 1P
Control Panel Labelling
More results

Similar Description - 598

ManufacturerPart #DatasheetDescription
logo
Littelfuse
268 LITTELFUSE-268 Datasheet
109Kb / 1P
MINIATURE FUSEHOLDERS
518 LITTELFUSE-518 Datasheet
69Kb / 1P
MINIATURE FUSEHOLDERS
519 LITTELFUSE-519 Datasheet
89Kb / 1P
MINIATURE FUSEHOLDERS
523 LITTELFUSE-523 Datasheet
85Kb / 1P
MINIATURE FUSEHOLDERS
595 LITTELFUSE-595 Datasheet
168Kb / 1P
MINIATURE FUSEHOLDERS
596 LITTELFUSE-596 Datasheet
216Kb / 1P
MINIATURE FUSEHOLDERS
601 LITTELFUSE-601 Datasheet
99Kb / 1P
MINIATURE FUSEHOLDERS
647 LITTELFUSE-647 Datasheet
91Kb / 1P
MINIATURE FUSEHOLDERS
649 LITTELFUSE-649 Datasheet
94Kb / 1P
MINIATURE FUSEHOLDERS
658 LITTELFUSE-658 Datasheet
146Kb / 1P
MINIATURE FUSEHOLDERS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com