Electronic Components Datasheet Search
  English  ▼

X  

M3406 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # M3406
Description  800mA,2V-6V Input,1.5MHz Synchronous Step-Down Converter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

M3406 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

  M3406 Datasheet HTML 1Page - List of Unclassifed Manufacturers M3406 Datasheet HTML 2Page - List of Unclassifed Manufacturers M3406 Datasheet HTML 3Page - List of Unclassifed Manufacturers M3406 Datasheet HTML 4Page - List of Unclassifed Manufacturers M3406 Datasheet HTML 5Page - List of Unclassifed Manufacturers M3406 Datasheet HTML 6Page - List of Unclassifed Manufacturers M3406 Datasheet HTML 7Page - List of Unclassifed Manufacturers M3406 Datasheet HTML 8Page - List of Unclassifed Manufacturers M3406 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
www.aerosemi.com
Aerosemi Proprietary Information.Unauthorized Photocopy and Duplication Prohibited.
All Rights Reserved.
M3406 Rev1.0
8
M3406 800mA ,1.5MHz Synchronous Step-Down Converter
AEROSEMI
PACKAGE DESCRIPTION
TOP VIEW
FRONT VIEW
SIDE VIEW
AAAA
e1
E
H
PIN 1
EXAMPLE
TOP MARK
B
e
A
A1
SEATING PLANE
C
NOTE:
1.DIMENSIONS ARE IN MILLIMETERS
2.DRAWING NOT TO SCALE
3.DIMENSIONS ARE INCLUSIVE OF PLATING
4.DIMENSIONS ARE EXCLUSIVE OF MOLD FLASH AND METAL BURR
D
L
L1
Q
Dimension
Min.
Max.
A
A1
B
C
D
H
E
e
e1
1.05
1.35
0.04
0.15
0.3
0.5
0.09
0.2
2.8
3.0
2.5
3.1
1.5
1.7
0.95 REF.
1.90 REF.
L1
0.2
0.55
L
0.35
0.8
Q
0°
10°
5LD SOT-23 PACKAGE OUTLINE DIMENSIONS
SOT23-5



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com