Electronic Components Datasheet Search
  English  ▼

X  

MAX32 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # MAX32
Description  Board Reference Manual
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

MAX32 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button MAX32 Datasheet HTML 4Page - List of Unclassifed Manufacturers MAX32 Datasheet HTML 5Page - List of Unclassifed Manufacturers MAX32 Datasheet HTML 6Page - List of Unclassifed Manufacturers MAX32 Datasheet HTML 7Page - List of Unclassifed Manufacturers MAX32 Datasheet HTML 8Page - List of Unclassifed Manufacturers MAX32 Datasheet HTML 9Page - List of Unclassifed Manufacturers MAX32 Datasheet HTML 10Page - List of Unclassifed Manufacturers MAX32 Datasheet HTML 11Page - List of Unclassifed Manufacturers MAX32 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
Max32™ Board Reference Manual
Copyright Digilent, Inc. All rights reserved.
Other product and company names mentioned may be trademarks of their respective owners.
Page 8 of 20
The fact that all I/O pins are 5V tolerant means that it is safe to apply 5V logic levels to any pins on the board
without risk of damaging the PIC32 microcontroller.
The minimum output high voltage of the PIC32 microcontroller is rated at 2.4V when sourcing 12mA of current.
When driving a high impedance input (typical of CMOS logic) the output high voltage will be close to 3.3V. Some 5V
devices will recognize this voltage as a logic high input, and some won’t. Many 5V logic devices will work reliably
with 3.3V inputs.
3. 4 Input/Output Connections
The Max32 board provides 83 of the I/O pins from the PIC32 microcontroller to pins on the input/output
connectors J3, J4, J5, J7, J8, J9, and J14.
The PIC32 microcontroller can source or sink a maximum of 18mA on all digital I/O pins. However, to keep the
output voltage within the specified voltage range (VOL 0.4V, VOH 2.4V), the pin current must be restricted to +7/-
12mA. The maximum current that can be sourced or sunk across all I/O pins simultaneously is +/-200mA. The
maximum voltage that can be applied to any I/O pin is 5.5V. For more detailed specifications, refer to the
PIC32MX5XX/6XX/7XX data sheet available from www.microchip.com.
Connectors J3, J8, J9, and J14 are 2x8 female pin header connectors that provide digital I/O signals. Connector J4 is
a 1x8 female pin header that provides digital I/O signals. Connectors J5 and J7 are 1x8 female pin headers that
provide analog inputs as well as digital I/O signals.
Connectors J6 and J15 are two-pin headers that provide power and ground to shield boards. J6 provides two pins
connected to the VCC5V0 bus and J15 provides two pins connected to GND.
Note that although J6, J8, J9, and J15 are shown as separate connectors on the schematic, a single connector part
is loaded across all of them when the board is manufactured.
On connectors J3 and J14, the outer row (closer to the board edge) of pins corresponds to the I/O connector pins
on an Arduino Mega or Mega 2560 board. The inner row of pins provides access to the extra I/O signals provided
by the PIC32 microcontroller.
The microcontroller system uses logical pin numbers to identify digital I/O pins on the connectors. The logical pin
numbers for the I/O pins on the Max32 are 0 – 85. These pin numbers are labeled in the silk screen on the board.
The analog inputs on connectors J5 and J7 are also assigned digital pin numbers. Pins A0 – A7 on connector J5 are
digital pins 54 – 61, and pins A8 – A15 on connector J5 are digital pins 62 – 69.
Pin numbers 70 – 85 are on the inner rows of connectors J14 and J3.
3. 5 Peripheral I/O Functions
The PIC32 microcontroller on the Max32 board provides a number of peripheral functions. The following
peripherals are provided:
UART port 0: Asynchronous serial port. Pin 0 (RX0), Pin 1 (TX0). These pins are connected to I/O connector J14 and
are also connected to the FT232R USB serial converter. It is possible to use these pins to connect to an external
serial device when not using the USB serial interface. This uses UART1A (U1ARX, U1ATX) on the PIC32
microcontroller.
UART port 1: Asynchronous serial port. Pin 19 (RX1), Pin 18 (TX1). This uses UART1B (U1BRX, U1BTX) on the PIC32
microcontroller.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com