Electronic Components Datasheet Search
  English  ▼

X  

MB7052 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # MB7052
Description  Filtering, Auto Calibration & Long-Range Narrow Detection Zone
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

MB7052 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  MB7052 Datasheet HTML 1Page - List of Unclassifed Manufacturers MB7052 Datasheet HTML 2Page - List of Unclassifed Manufacturers MB7052 Datasheet HTML 3Page - List of Unclassifed Manufacturers MB7052 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
MB7052
MB7092
E
s
'E




&
'
Outside
Thread
Diameter
Housing
Nut
Width
H
I
values are nominal
MB7052 & MB7092 Mechanical Dimensions
MaxBotix® Inc.
MaxBotix, MaxSonar, & WRMA1 are trademarks of MaxBotix Inc.
ML-WR1™ & ML-WRMA1™ • v1.9b • Patent 7,679,996 • Copyright 2005 - 2011
Typical Performance to Targets
Typical Performance in Clutter
Analog Envelope Output (Clutter, 3.3V)
0
1
2
0
10
20
30
40
50
10ms/DIV
Transmit Burst
TA = 20
oC, Vcc = 3.3V
Realtime on Pin 2 of MB7092
Clutter ranges
at ~104cm.
Target = 30cm sq.
at 2 meters
Conditions = 1.5
meter wide hallway
with cluttered sides
Object clutter from many objects at the sides of the
1.5 meter wide hallway. (Target is still detected)
Target
Page 4
Email: info@maxbotix.com
Web:
www.maxbotix.com
Part Number: PD10028b
A
1.72" dia.
43.8 mm dia.
B
2.00"
50.7 mm
C
0.58"
14.4 mm
D
0.31"
7.9 mm
E
0.23"
5.8 mm
F
0.1"
2.54 mm
G 3/4" National Pipe Thread Straight
H 1.032" dia. 26.2 mm dia.
I
1.37"
34.8 mm
weight, 1.76 oz., 50 grams
Analog Envelope Output (Dowels, 5V)
0
1
2
3
0
10
20
30
40
50
10ms/DIV
Transmit
Burst
Targets
TA = 20
oC, Vcc = 5V
Real-time on Pin 2 of MB7092
Target
Conditions = acoustic test chamber
First target ranges at ~66cm.
Targets =
0.6cm dia. at 66cm,
2.5cm dia. at 111cm,
8.9cm dia. at 189cm,
and a 1m by 2m flat
panel at 704cm
(or MB7094 internal)
Targets =
(or MB7094 internal)
Analog Envelope Output (Dowels, 3.3V)
0
1
2
0
10
20
30
40
50
10ms/DIV
Transmit
Burst
TA = 20
oC, Vcc = 3.3V
Real-time on Pin 2 of MB7092
Target
Targets =
0.6cm dia. at 66cm,
2.5cm dia. at 111cm,
8.9cm dia. at 189cm,
and a 1m by 2m flat
panel at 704cm
Conditions = acoustic test chamber
First target ranges at ~66cm.
Targets
(or MB7094 internal)
Analog Envelope Output (Clutter, 5V)
0
1
2
3
0
10
20
30
40
50
10ms/DIV
Target
TA = 20
oC, Vcc = 5V
Realtime on Pin 2 of MB7092
Transmit
Burst
Target = 30cm sq.
at 2 meters
Conditions = 1.5
meter wide hallway
with cluttered
sides
Object clutter from many objects at the sides of the
1.5 meter wide hallway. (Target is still detected)
Clutter ranges
at ~104cm.
(or MB7052 internal)
(or MB7052 internal)
(or MB7052 internal)
(or MB7052 internal)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com