Electronic Components Datasheet Search
  English  ▼

X  

MB7092 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # MB7092
Description  Filtering, Auto Calibration & Long-Range Narrow Detection Zone
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

MB7092 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  MB7092 Datasheet HTML 1Page - List of Unclassifed Manufacturers MB7092 Datasheet HTML 2Page - List of Unclassifed Manufacturers MB7092 Datasheet HTML 3Page - List of Unclassifed Manufacturers MB7092 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MB7052 & MB7092 Pin Out
GND
Return for the DC power supply. GND (& V+) must be ripple and
noise free for best operation.
V+ Operates on 3V - 5.5V. The average (and peak) current draw for 3.3V
operation is 2.1mA (50mA peak) and 5V operation is 3.4mA (100mA
peak) respectively. Peak current is used during sonar pulse transmit.
Pin 5 - (TX) When Pin 1 is open or held high, the Pin 5 output delivers
asynchronous serial with an RS232 format, except voltages are 0-Vcc.
The output is an ASCII capital “R”, followed by three ASCII character
digits representing the range in centimeters up to a maximum of 765,
followed by a carriage return (ASCII 13). The baud rate is 9600, 8 bits,
no parity, with one stop bit. Although the voltages of 0V to Vcc are
outside the RS232 standard, most RS232 devices have sufficient margin
to read the 0V to Vcc serial data. If standard voltage level RS232 is
desired, invert, and connect an RS232 converter such as a MAX232.
When Pin 1 is held low, the Pin 5 output sends a single pulse, suitable for
low noise chaining (no serial data).
Pin 4 - (RX) This pin is internally pulled high. If Pin-4 is left
unconnected or held high, the sensor will continually measure the range.
If Pin-4 is held low the sensor will stop ranging. Bring high 20uS or
more to command a range reading.
Pin 3 - (AN) This pin outputs analog voltage with a scaling factor of
(Vcc/1024) per cm. A supply of 5V yields ~4.9mV/cm., and 3.3V yields
~3.2mV/cm. Hardware limits the maximum reported range on this output
to ~700 cm at 5V and ~600 cm at 3.3V. The output is buffered and
corresponds to the most recent range data.
Pin 2 - MB7052 This pin outputs a pulse-width representation of range.
To calculate the distance, us a scale factor of 58uS per cm.
MB7092 This pin outputs the analog voltage envelope of the acoustic
waveform. For the MB7092, this is a real-time always-active output.
Pin 1 - Leave open (or high) for serial output on the Pin 5 output. When
Pin 1 is held low the Pin 5 output sends a pulse (instead of serial data),
suitable for low noise chaining.
MB7052 & MB7092 Circuit
MB7052 & MB7092 Real-time Operation & Timing
MaxBotix® Inc.
MaxBotix, MaxSonar, & WRMA1 are trademarks of MaxBotix Inc.
XL-WR1™ XL-WRMA1™ • v1.9b • Patent 7,679,996 • Copyright 2005 - 2011
MB7052
MB7092
175mS after power-up, the ML-MaxSonar
® is ready to begin range cycles. During power up, the ML-MaxSonar® sensors
require at least three range cycles in a row for the first *valid range output. If Pin-4 is left open (i.e. unconnected) or held
high (20uS or greater), the sensor will take a range reading. Each range cycle starts by Pin-4 being high or open, after which
the sensor calibrates for 20.5mS, and after which, thirteen 42KHz waves are sent. The sensor then determines the range to the
target. Next the analog range voltage is set. At 94.3mS, for the next 4.7mS the serial data is sent.
- For the MB7092, this completes the range cycle of 99mS.
- For the MB7052, if the the distance to the target is not *valid, no pulse width data is sent, and this completes the range
cycle of 99.5mS.
- For the MB7052, when the distance to the target is *valid, the pulse width is sent (active high) with a scale factor of 58uS
per cm, and the range cycle completes at 149mS.
*MB7052 & MB7092 Fail Safe
The ML sensors will report the latest valid range reading. Valid range readings are range readings that are correlated and
sufficiently noise free. Valid range readings, once obtained, are held (and resent) a new valid reading set is obtained or until
Fail Safe times out. After one hour (1.5 hour for the MB7052) of continuous ranging with no targets detected as valid, the
sensor will report “R000” as the serial range output, set the analog-voltage range output to zero volts, (and stop sending the
pulse-width output for the MB7052). The zero value is the output for a fail-safe value.
MB7052 & MB7092 Real-time Auto Calibration
Each time before the ML-MaxSonar
® takes a range reading it calibrates itself. The sensor then uses this data to range objects.
If the temperature, humidity, or applied voltage changes during sensor operation, the sensor will continue to function
normally. (The sensor does not apply compensation for the speed of sound change verses temperature to any range readings.)
The sensor functions using active components
consisting of an LM324 and PIC16F690, together
with a variety of other components. The schematic
is shown to provide the user with detailed
connection information.
Page 2
Email: info@maxbotix.com
Web: www.maxbotix.com
PD10028b



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com