Electronic Components Datasheet Search
  English  ▼

X  

MICS-4514 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # MICS-4514
Description  The MiCS-4514 is a compact MOS sensor with two fully independent sensing elements on one package.
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

MICS-4514 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  MICS-4514 Datasheet HTML 1Page - List of Unclassifed Manufacturers MICS-4514 Datasheet HTML 2Page - List of Unclassifed Manufacturers MICS-4514 Datasheet HTML 3Page - List of Unclassifed Manufacturers MICS-4514 Datasheet HTML 4Page - List of Unclassifed Manufacturers MICS-4514 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Data Sheet
The MiCS-4514 is a compact MOS sensor with two fully
independent sensing elements on one package.
The MiCS-4514 is a robust MEMS sensor for the
detection of pollution from automobile exhausts.
MiCS-4514
0278 rev 15
SGX Sensortech, Courtils 1
CH-2035 Corcelles-Cormondrèche
Switzerland
www.sgxsensortech.com
For more information please contact:
info.em@sgxsensortech.com
Features
• Smallest footprint for compact designs
(5 x 7 x 1.55 mm)
• Robust MEMS sensor for harsh environments
• High-volume manufacturing for low-cost
applications
• Short lead-times
Detectable gases
• Carbon monoxide CO
1 – 1000ppm
• Nitrogen dioxide
NO2
0.05 – 10ppm
• Ethanol
C2H5OH
10 – 500ppm
• Hydrogen
H2
1 – 1000ppm
• Ammonia
NH3
1 – 500ppm
• Methane
CH4
>1000ppm
0.01
0.10
1.00
10.00
100.00
0.01
0.1
1
10
100
Concentration [ppm]
Hydrogen
NO
NO2
RED sensor, continuous power ON, 25°C, 50% RH
OX sensor, continuous power ON, 25°C, 50% RH
0.01
0.10
1.00
10.00
0.1
1
10
100
1000
10000
100000
Concentration [ppm]
CO
Ethanol
Hydrogen
Methane
Propane
Iso-butane
Ammonia
0.01
0.10
1.00
10.00
0.1
1
10
100
1000
10000
100000
Concentration [ppm]
CO
Ethanol
Hydrogen
Methane
Propane
Iso-butane
Ammonia
H2S
Page 1 of 5


Similar Part No. - MICS-4514

ManufacturerPart #DatasheetDescription
logo
SGX Sensortech
MICS-4514 SGX-MICS-4514 Datasheet
381Kb / 5P
The MiCS-4514 is a compact MOS sensor with two fully independent sensing elements on one package.
More results

Similar Description - MICS-4514

ManufacturerPart #DatasheetDescription
logo
EM Microelectronic - MA...
EMDB6812 EMMICRO-EMDB6812 Datasheet
380Kb / 19P
The EMDB6812 is based on two PCBs
logo
Tyco Electronics
SSRD MACOM-SSRD Datasheet
51Kb / 2P
Two independent AC output solid state relays in one standard package.
logo
Vishay Siliconix
VS-UFB230FA60 VISHAY-VS-UFB230FA60 Datasheet
139Kb / 7P
Two fully independent diodes
31-May-16
VS-UFB280FA20 VISHAY-VS-UFB280FA20 Datasheet
277Kb / 8P
Two fully independent diodes
31-May-16
logo
Maxim Integrated Produc...
MAX38902EVKIT MAXIM-MAX38902EVKIT Datasheet
1Mb / 7P
Two Independent Circuits on One Board
Rev 0; 11/17
logo
HTC Korea TAEJIN Techno...
LM2904 HTC-LM2904 Datasheet
197Kb / 4P
The LM2904 consists of two independent
logo
Maxim Integrated Produc...
MAX25300EVKIT MAXIM-MAX25300EVKIT Datasheet
670Kb / 7P
Two Independent Circuits on One Board
Rev 0; 8/20
logo
SGX Sensortech
MICS-6814 SGX-MICS-6814 Datasheet
387Kb / 5P
The MiCS-6814 is a compact MOS sensor with three fully independent sensing elements on one package.
1143 rev 8
MICS-4514 SGX-MICS-4514 Datasheet
381Kb / 5P
The MiCS-4514 is a compact MOS sensor with two fully independent sensing elements on one package.
MICS-2714 SGX-MICS-2714 Datasheet
389Kb / 5P
The MiCS-2714 is a compact MOS sensor.
rev 6
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com