Electronic Components Datasheet Search
  English  ▼

X  

MF-MSMF150 Datasheet(PDF) 3 Page - Bourns Electronic Solutions

Part # MF-MSMF150
Description  PTC Resettable Fuses
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

MF-MSMF150 Datasheet(HTML) 3 Page - Bourns Electronic Solutions

  MF-MSMF150 Datasheet HTML 1Page - Bourns Electronic Solutions MF-MSMF150 Datasheet HTML 2Page - Bourns Electronic Solutions MF-MSMF150 Datasheet HTML 3Page - Bourns Electronic Solutions MF-MSMF150 Datasheet HTML 4Page - Bourns Electronic Solutions MF-MSMF150 Datasheet HTML 5Page - Bourns Electronic Solutions MF-MSMF150 Datasheet HTML 6Page - Bourns Electronic Solutions MF-MSMF150 Datasheet HTML 7Page - Bourns Electronic Solutions MF-MSMF150 Datasheet HTML 8Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
DIMENSIONS:
MM
(INCHES)
MF-MSMF Series - PTC Resettable Fuses
A
B
C
Top and Bottom View
Side View
D
Top View
Style 2
Style 1
Bottom View
Side View
Recommended Pad Layout
8
C
A
B
D
C
2.95±0.10
(.114±.004)
3.1±0.10
(.122±.004)
1.68±0.05
(.066±.002)
Recommended Pad Layout
3.2±0.1
(0.126±.004)
2.7±0.1
(.106±.004)
1.5±0.05
(.059±.002)
1.5±0.05
(.059±.002)
Terminal material:
Electroless Ni under immersion Au
Product Dimensions (see previous page for dimensions)
Typical Time to Trip at 23 °C
The Time to Trip curves represent typical performance of a device in a simulated application environment. Actual performance in specific customer
applications may differ from these values due to the influence of other variables.
Specificationsaresubjecttochangewithoutnotice.
Usersshouldverifyactualdeviceperformanceintheirspecificapplications.
Theproductsdescribedhereinandthisdocumentaresubjecttospecificlegaldisclaimersassetforthonthelastpageofthisdocument,andatwww.bourns.com/docs/legal/disclaimer.pdf.
0.001
0.01
0.1
1
10
100
0.1
110
100
MF-MSMF020
MF-MSMF030
MF-MSMF200
MF-MSMF010
MF-MSMF050
MF-MSMF075
MF-MSMF110
MF-MSMF150
MF-MSMF160
MF-MSMF260
Fault Current (Amps)
MF-MSMF125
MF-MSMF014
0.001
0.01
0.1
1
10
100
0.1
110
100
MF-MSMF075/24
MF-MSMF110/16
MF-MSMF250/16X
Fault Current (Amps)
MF-MSMF050/40X
MF-MSMF050/30X
MF-MSMF110/24X
MF-MSMF150/24X
MF-MSMF150/12
MF-MSMF020/60
MF-MSMF075/33X
0.001
0.01
0.1
1
10
100
0.1
110
100
MF-MSMF020
MF-MSMF030
MF-MSMF200
MF-MSMF010
MF-MSMF050
MF-MSMF075
MF-MSMF110
MF-MSMF150
MF-MSMF160
MF-MSMF260
Fault Current (Amps)
MF-MSMF125
MF-MSMF014
0.001
0.01
0.1
1
10
100
0.1
110
100
MF-MSMF075/24
MF-MSMF110/16
MF-MSMF250/16X
Fault Current (Amps)
MF-MSMF050/40X
MF-MSMF050/30X
MF-MSMF110/24X
MF-MSMF150/24X
MF-MSMF150/12
MF-MSMF020/60
MF-MSMF075/33X



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com