Electronic Components Datasheet Search
  English  ▼

X  

FSW805 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # FSW805
Description  COMPACT FAN AND FILTER FAN AIR FLOW MONITOR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

FSW805 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  FSW805 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
B
B-X
COMPACT FAN AND FILTER FAN
AIR FLOW MONITOR
U
Reliable Mechanical
Switch Contact
U
Small Size
U
Economical
U
Easily Installs
Via Clip or Clamp
U
Versatile Fields
of Application
The FSW800 Series air-flow monitor
provides a simple but reliable
alternative to indicate positive or
negative air flow of fans. When
properly installed and connected
in series with an optical (i.e. LED)
or audible signaling device, a bi-
directional switch will activate an
electrical contact if the air flow of
the fan falls below 8.2 ft/s, thus either
turning the signaling device on or off.
SpECIFICAtIonS
Contact type: Reed/magnet contact
nC (normally Closed): Contact open
with air flow
no (normally open): Contact closed
with air flow
Switching threshold of Air Flow
Speed: >8.2 ft/s (2.5 m/s)
Hysteresis: 3.3 ft/s (1 m/s)—fixed
Contact Resistance Incl. Wire:
370 m (1214')
Service Life: >100,000 cycles
Maximum Switching Capacity: 10 W
(resistive load)
Maximum Switching Voltage: NC, AC/
DC 240 V/NO, DC 60V
Maximum Switching Current: NC, DC
500 mA/NO, DC 170 mA
Connection: 2 x single strand AWG
26, length 500 mm (20"), tip of stranded
wire stripped/tinned 5 mm (0.20")
Mounting: Attachment clamp and/or
clip, or integrated in protective grill
Housing: Plastic, UL 94HB, black
Dimensions: 34 x 17.5 x 7.5 mm
(1.3 x 0.7 x 0.3")
Mounting position: Air-flow monitor
opening perpendicular to air flow
operating temperature:
-20 to 50°C (-4 to 122°F)
Storage temperature:
-20 to 80°C (-4 to 176°F)
protection type: NEMA 1 (IP 20)
Agency Approvals: UL and VDE
To Order
Model no.
Description
Weight
FSW801
Air-flow switch, NC with mounting clip and clamp
6 g (0.2 oz)
FSW802
Air-flow monitor, NO with mounting clip and clamp
6 g (0.2 oz)
FSW803
Air-flow monitor, NC with 80 x 80 mm
20 g (0.7 oz)
(3.15") finger guard
FSW804
Air-flow monitor, NO with 80 x 80 mm (3.15")
20 g (0.7 oz)
finger guard
FSW805
Air-flow monitor, NC with 92 x 92 mm (3.62")
20 g (0.7 oz)
finger guard
FSW806
Air-flow monitor, NO with 92 x 92 mm (3.62")
20 g (0.7 oz)
finger guard
FSW807
Air-flow monitor, NC with 120 x 120 mm (4.72")
31 g (1.1 oz)
finger guard
FSW808
Air-flow monitor, NO with 120 x 120 mm (4.72")
31 g (1.1 oz)
finger guard
Comes complete with operator’s manual.
Ordering Example: FSW803, air-flow monitor, NC with 80 x 80 mm finger guard.
Dimensions: mm (inch)
+
-
Wiring Example
e.g. signal
device
+
-
7.5 (0.3)
34 (1.3)
+
-
80 x 80
(3.15 x 3.15)
92 x 92/120 x 120
(3.62 x 3.62/4.72 x 4.72)
Air-flow monitor integrated
in protective grill
FSW801 shown larger than actual size.
FSW800
Series


Similar Part No. - FSW805

ManufacturerPart #DatasheetDescription
logo
SYNERGY MICROWAVE CORPO...
FSW80150-10 SYNERGY-FSW80150-10 Datasheet
724Kb / 7P
INTELLIGENT INTERACTIVE SYNTHESIZER
FSW80210-50 SYNERGY-FSW80210-50 Datasheet
612Kb / 7P
INTELLIGENT INTERACTIVE SYNTHESIZER
More results

Similar Description - FSW805

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ADT7460ARQ-REEL ONSEMI-ADT7460ARQ-REEL Datasheet
698Kb / 47P
Remote Thermal Monitor and Fan Controller
September, 2013 ??Rev. 9
logo
ORION FANS
AFM ORIONFANS-AFM Datasheet
718Kb / 1P
Air Flow Monitor
logo
ON Semiconductor
NCT7491 ONSEMI-NCT7491 Datasheet
794Kb / 81P
Remote Thermal Monitor and Fan Controller
November, 2015 ??Rev. 2
NCT7491 ONSEMI-NCT7491_16 Datasheet
791Kb / 80P
Remote Thermal Monitor and Fan Controller
June, 2016 ??Rev. 3
ADT7467 ONSEMI-ADT7467_12 Datasheet
754Kb / 72P
Remote Thermal Monitor and Fan Controller
May, 2012 ??Rev. 4
ADT7473 ONSEMI-ADT7473_15 Datasheet
627Kb / 73P
Remote Thermal Monitor and Fan Control
April, 2015 ??Rev. 10
ADT7475 ONSEMI-ADT7475_13 Datasheet
539Kb / 58P
Remote Thermal Monitor and Fan Controller
August, 2018 ??Rev. 8
ADT7490 ONSEMI-ADT7490_16 Datasheet
763Kb / 75P
Remote Thermal Monitor and Fan Controller
January, 2016 ??Rev. 6
ADT7473 ONSEMI-ADT7473_16 Datasheet
624Kb / 73P
Remote Thermal Monitor and Fan Control
November, 2016 ??Rev. 11
ADT7475 ONSEMI-ADT7475_18 Datasheet
539Kb / 58P
Remote Thermal Monitor and Fan Controller
August, 2018 ??Rev. 8
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com