Electronic Components Datasheet Search
  English  ▼

X  

FDC60 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # FDC60
Description  60 WATTS OUTPUT POWER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

FDC60 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  FDC60 Datasheet HTML 1Page - List of Unclassifed Manufacturers FDC60 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Model
Number
Input
Range
Output
Voltage
Output
Current
Input
Current
(5)
Eff
(6)
(%)
Capacitor
(7)
Load max
FDC60-12S33
9 – 18 VDC
3.3 VDC
15A
5430mA
80
38700uF
FDC60-12S05
9 – 18 VDC
5 VDC
12A
6330mA
83
20400uF
FDC60-12S12
9 – 18 VDC
12 VDC
5A
6250mA
84
3550uF
FDC60-12S15
9 – 18 VDC
15 VDC
4A
6250mA
84
2300uF
FDC60-12D05
9 – 18 VDC
± 5 VDC
+10 / -2A
6500mA
81
17000 / 3400uF
FDC60-12D12
9 – 18 VDC
± 12 VDC
± 2.5A
6250mA
84
± 900uF
FDC60-12D15
9 – 18 VDC
± 15 VDC
± 2A
6250mA
84
± 600uF
FDC60-12D3305
9 – 18 VDC
3.3 / 5VDC
6 / 6A
5770mA
76
16000 / 10200uF
FDC60-24S33
18 – 36 VDC
3.3 VDC
15A
2750mA
79
38700uF
FDC60-24S05
18 – 36 VDC
5 VDC
12A
3090mA
85
20400uF
FDC60-24S12
18 – 36 VDC
12 VDC
5A
2980mA
88
3550uF
FDC60-24S15
18 – 36 VDC
15 VDC
4A
2940mA
89
2300uF
FDC60-24D05
18 – 36 VDC
± 5 VDC
+10 / -2A
3130mA
84
17000 / 3400uF
FDC60-24D12
18 – 36 VDC
± 12 VDC
± 2.5A
3050mA
86
± 900uF
FDC60-24D15
18 – 36 VDC
± 15 VDC
± 2A
3010mA
87
± 600uF
FDC60-24D3305
18 – 36 VDC
3.3 / 5VDC
6 / 6A
2700mA
81
16000 / 10200uF
FDC60-48S33
36 – 75 VDC
3.3 VDC
15A
1310mA
83
38700uF
FDC60-48S05
36 – 75 VDC
5 VDC
12A
1520mA
86
20400uF
FDC60-48S12
36 – 75 VDC
12 VDC
5A
1470mA
89
3550uF
FDC60-48S15
36 – 75 VDC
15 VDC
4A
1450mA
90
2300uF
FDC60-48D05
36 – 75 VDC
± 5 VDC
+10 / -2A
1540mA
85
17000 / 3400uF
FDC60-48D12
36 – 75 VDC
± 12 VDC
± 2.5A
1450mA
90
± 900uF
FDC60-48D15
36 – 75 VDC
± 15 VDC
± 2A
1450mA
90
± 600uF
FDC60-48D3305
36 – 75 VDC
3.3 / 5VDC
6 / 6A
1310mA
83
16000 / 10200uF
Note
1.
The FDC60 series required a minimum 10% loading on the output to maintain specified
regulation. Operation under no-load condition will not damage these devices, however
they may not meet all listed specification.
2.
Cross regulation:
Dual output—Asymmetrical load 25% to 100% full load
3.
Simulated source impedance of 12uH. 12uH inductor in series with +Vin.
4.
BELLCORE TR-NWT-000332. Case I: 50% Stress, Temperature at 40ºC. (Ground fixed
and controlled environment)
5.
Maximum value at nominal input voltage and full load
6.
Typical value at nominal input voltage and full load.
7.
Test by minimum Vin and constant resistor load.
3.94 (100.2)
3.25 (82.6)
0.39
(10.0)
0.30
(7.6)
0.32
(8.0)
0.75
(19.0)
0.05 (1.3)
1.00
(25.4)
1.00
(25.4)
Bottom
View
Mounting inserts: #4-40
1. All dimensions in Inches (mm)
2. Pin Pitch tolerance ±0.014(0.35)
1
2
3
4
5
6
7
8
9
10
PIN CONNECTION
PIN
SINGLE
1
+ INPUT
2
- INPUT
3
CTRL
4
TRIM
5
+OUTPUT
DUAL
+ INPUT
- INPUT
CTRL
TRIM
+OUTPUT
D3305
+ INPUT
- INPUT
CTRL
TRIM
+3.3V
D3305
+3.3V
COM
COM
+ 5V
+ 5V
PIN
6
7
8
9
10
SINGLE
+OUTPUT
- OUTPUT
- OUTPUT
NO PIN
NO PIN
DUAL
+OUTPUT
COM
COM
- OUTPUT
- OUTPUT
Output can be externally trimmed by
using the method shown below.
(
) for dual output trim
[
] XXD3305 only trim 3.3V
EXTERNAL OUTPUT TRIMMING
7(9) [7]
4(4) [4]
TRIM UP
RU
4(4) [4]
6(6) [6]
TRIM DOWN
RD



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com