Electronic Components Datasheet Search
  English  ▼

X  

MT7621 Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # MT7621
Description  The MT7621 router-on-a-chip includes a 880 MHz
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

MT7621 Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button MT7621 Datasheet HTML 17Page - List of Unclassifed Manufacturers MT7621 Datasheet HTML 18Page - List of Unclassifed Manufacturers MT7621 Datasheet HTML 19Page - List of Unclassifed Manufacturers MT7621 Datasheet HTML 20Page - List of Unclassifed Manufacturers MT7621 Datasheet HTML 21Page - List of Unclassifed Manufacturers MT7621 Datasheet HTML 22Page - List of Unclassifed Manufacturers MT7621 Datasheet HTML 23Page - List of Unclassifed Manufacturers MT7621 Datasheet HTML 24Page - List of Unclassifed Manufacturers MT7621 Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 43 page
background image
loginid=Darren@mtncn.com,time=2013-10-24 16:22:22,ip=113.116.19.138,doctitle=MT7621_Datasheet_E1_Prelimanary.docx,company=MTN Electronics Co. Ltd深圳市邁騰電子有限公司_RLT
DSMT7621_V.0.2_Prelimanary
Page 21 of 43
MT7621 DATASHEET
2.5 Bootstrapping Pins Description
Pin Name
Boot Strapping
Signal Name
Description
SPI_CLK
DRAM_FROM _EE
Function mode: (Validate at iNIC mode and NAND flash (chip mode 1 and 12)
0: DRAM/PLL configuration from EEPROM
1: DRAM configuration from Auto Detect
FT mode: (Test interface)
0: SUTIF
1: 3W-SPI
{SPI_CS1_N,
SPI_CS0_N,
MDC }
XTAL_MODE
0: 20 MHz, Self Oscillation mode
1: 20 MHz, Single end input
2: 20 MHz, differential input
3: 40 MHz, Self Oscillation mode
4: 40 MHz, Single end input
5: 40 MHz, differential input
6: 25 MHz, Self Oscillation mode
7: 25 MHz, Single end input
PERST_N
OCP_RATIO
Function Mode:
0: 1:3
1: 1:4
ATPG mode: (CPU test speed)
0:500
1:880
TXD2
DRAM_TYPE
Function Mode:
0: DDR3
1: DDR2
Scan mode:
0: Scan mode
1: Digital OLT mode
FT mode:
0: SUTIF use XTAL
1: SUTIF use AUX_CLK(@pin SD_CD)
{RTS2_N,
RTS3_N,
TXD1,
GPIO0}
CHIP_MODE[3:0]
A vector to set chip function/debug/ATPG/FT modes
Mode
Note
0
N/A
1
Normal
Boot from ROM (NAND page 2k+64 bytes)
2
Normal
Boot from SPI 3-byte address
3
Nomal
Boot from SPI 4-byte address
4
iNIC RGMII
Boot from ROM
5
iNIC MII
Boot from ROM
6
iNIC RVMII
Boot from ROM
7
iNIC PHY
Boot from ROM
8
N/A
9
Normal
Boot from internal SRAM
10
Normal
Boot from ROM (NAND page 2k+128 bytes)
11
Normal
Boot from ROM (NAND page 4k+128 bytes)
12
Normal
Boot from ROM (NAND page 4k+224 bytes)
13
Debug
14
ATPG
Scan test
15
FT
Final test



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com