Electronic Components Datasheet Search
  English  ▼

X  

RT8243C Datasheet(PDF) 21 Page - Richtek Technology Corporation

Part # RT8243C
Description  High Efficiency, Main Power Supply Controller for Notebook Computers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8243C Datasheet(HTML) 21 Page - Richtek Technology Corporation

Back Button RT8243C Datasheet HTML 16Page - Richtek Technology Corporation RT8243C Datasheet HTML 17Page - Richtek Technology Corporation RT8243C Datasheet HTML 18Page - Richtek Technology Corporation RT8243C Datasheet HTML 19Page - Richtek Technology Corporation RT8243C Datasheet HTML 20Page - Richtek Technology Corporation RT8243C Datasheet HTML 21Page - Richtek Technology Corporation RT8243C Datasheet HTML 22Page - Richtek Technology Corporation RT8243C Datasheet HTML 23Page - Richtek Technology Corporation RT8243C Datasheet HTML 24Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
RT8243A/B/C
21
DS8243A/B/C-07 November 2014
www.richtek.com
©
Copyright 2014 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Table1. Operation Mode Truth Table
Mode
Condition
Comment
Power Up
LDOx < UVLO threshold
Transitions to discharge mode after VIN POR and
after REF becomes valid. LDO5 and LDO3 remain
active.
Run
ENLDO = high, VOUT1 or VOUT2 are
enabled
Normal Operation.
Over Voltage
Protection
Either output >112% of the nominal level.
LGATEx is forced high. LDO3 and LDO5 are active.
Exit by VIN POR or by toggling ENLDO, ENTRIPx,
and ENM.
Under Voltage
Protection
Either output < 58% of the nominal level
after 3ms time-out expires and output is
enabled
Both UGATEx and LGATEx are forced low and
enter discharge mode. LDO3 and LDO5 are active.
Exit by VIN POR or by toggling ENLDO, ENTRIPx,
and ENM.
Discharge
Either output is still high in standby mode
or shutdown mode
During discharge mode, there is one path to
discharge the output capacitors’ residual charge to
GND via an internal switch.
Standby
ENTRIPx or ENM < startup threshold,
ENLDO = high.
LDO3 and LDO5 are active.
Shutdown
ENLDO = low
All circuitry are off.
Thermal
Shutdown
TJ > 150°C
All circuitry are off. Exit by VIN POR or by toggling
ENLDO, ENTRIPx, and ENM.
Table 2. Power Up Sequencing (RT8243A)
ENLDO (V)
ENM (V)
ENTRIP1
(V)
ENTRIP2
(V)
LDO5
LDO3
SMPS1
SMPS2
Low
Low
X
X
Off
Off
Off
Off
“>1.6V”
=> High
Low
X
X
On
On
Off
Off
“>1.6V”
=> High
“>2.3V”
=> High
Off
Off
On
On
Off
Off
“>1.6V”
=> High
“>2.3V”
=> High
Off
On
On
On
Off
On
“>1.6V”
=> High
“>2.3V”
=> High
On
On
On
On
On
On
“>1.6V”
=> High
“>2.3V”
=> High
On
Off
On
On
On
Off



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com