Electronic Components Datasheet Search
  English  ▼

X  

RH010 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # RH010
Description  Wirewound Resistors, Military, MIL-PRF-18546 Qualified, Type RE, Aluminum Housed, Chassis Mount
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

RH010 Datasheet(HTML) 3 Page - Vishay Siliconix

  RH010 Datasheet HTML 1Page - Vishay Siliconix RH010 Datasheet HTML 2Page - Vishay Siliconix RH010 Datasheet HTML 3Page - Vishay Siliconix RH010 Datasheet HTML 4Page - Vishay Siliconix RH010 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
RE Military
www.vishay.com
Vishay Dale
Revision: 04-Sep-2019
3
Document Number: 30282
For technical questions, contact: ww2aresistors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
POWER RATING
Vishay RE resistor wattage ratings are based on mounting to the following heat sink:
RE60 and RE65:
4" x 6" x 2" x 0.040" thick aluminum chassis
RE70 and RE75:
5" x 7" x 2" x 0.040" thick aluminum chassis
RE77 and RE80:
7" x 9" x 2" x 0.060" thick aluminum chassis
AMBIENT TEMPERATURE DERATING
Derating is required for ambient temperatures above 25 °C when mounted to specified heat sink, see the following graph.
REDUCED HEAT SINK DERATING
Derating is also required when recommended heat sink area is reduced.
FREE AIR POWER RATING
MILITARY
MODEL
RE60
RE65
RE70
RE75
RE77
RE80
W at 25 °C
36
8
10
30
75
- 55 - 50
0
50
150
250
AMBIENT TEMPERATURE IN °C
25
120
0
20
40
60
80
100
1
1000
100
10
0
35
30
25
20
15
10
5
CHASSIS AREA IN SQUARE INCHES
RE75
RE70
RE65
RE60
1
1000
100
10
0
140
120
100
80
60
40
20
CHASSIS AREA IN SQUARE INCHES
RE80
RE77



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com