Electronic Components Datasheet Search
  English  ▼

X  

C2306 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # C2306
Description  MMDS / ISM / S-Band Mixer
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

C2306 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  C2306 Datasheet HTML 1Page - List of Unclassifed Manufacturers C2306 Datasheet HTML 2Page - List of Unclassifed Manufacturers C2306 Datasheet HTML 3Page - List of Unclassifed Manufacturers C2306 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
C2306
Specifications Subject to Change Without Notice
C2306Spec Rev
5 12/30/9 9
Page 4
Package Specifications
Notes:
•
Standard packaging is 14L SOIC tube. Tape and Reel
available upon request.
•
All shipments F.O.B. Pacific Wireless Aptos, CA 95003
Part Numbers:
Part Number
Description
C2306
1800 to 4800 Mixer – Tube
C2306TR
1800 to 4800 Mixer – Tape and Reel
For further information contact:
C2306
Pacific Wireless
2844 Mar Vista Dr. Suite 101
Aptos, CA 95003
TEL (831) 684-2474
FAX (831) 684-2494
www.pacwireless.com
Pin Number
Function
1
IF OUT
2
LO IN
3
GND
4
GND
5
GND
6
GND
7
VDD
8
GND
9
GND
10
GND
11
IF/RF
12
GND
13
IF IN
14
IF BIAS
Advantages of GaAs MMIC
RF Integration – Less Components/Board Space
Good Device Matching – No Tweaks – Less Tuning
Great power efficiency at low voltage
Better Linearity and Distortion Performance
Superb Radiation Immunity
No Latent or Cummulative ESD effects
No Infant Mortality; No “Walking Wounded”
No Burn-in Necessary



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com