Electronic Components Datasheet Search
  English  ▼

X  

8EWF12STRR Datasheet(PDF) 2 Page - International Rectifier

Part # 8EWF12STRR
Description  SURFACE MOUNTABLE FAST SOFT RECOVERY DIODE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

8EWF12STRR Datasheet(HTML) 2 Page - International Rectifier

  8EWF12STRR Datasheet HTML 1Page - International Rectifier 8EWF12STRR Datasheet HTML 2Page - International Rectifier 8EWF12STRR Datasheet HTML 3Page - International Rectifier 8EWF12STRR Datasheet HTML 4Page - International Rectifier 8EWF12STRR Datasheet HTML 5Page - International Rectifier 8EWF12STRR Datasheet HTML 6Page - International Rectifier 8EWF12STRR Datasheet HTML 7Page - International Rectifier 8EWF12STRR Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
Bulletin I2203 03/05
8EWF12SPbF QUIET
IR Series
www.irf.com
I
F(AV) Max. Average Forward Current
8
A
@ T
C = 94° C, 180° conduction half sine wave
I
FSM
Max.PeakOneCycleNon-Repetitive
170
10ms Sine pulse, rated VRRMapplied
SurgeCurrent
200
10msSine pulse,novoltagereapplied
I2t
Max. I2t for fusing
144
10ms Sine pulse, rated V
RRMapplied
200
10msSinepulse,novoltagereapplied
I2√t
Max. I2√t for fusing
2000
A2√s
t = 0.1 to 10ms, no voltage reapplied
Voltage Ratings
Part Number
V
RRM, maximum
V
RSM , maximum non repetitive
I
RRM
peak reverse voltage
peak reverse voltage
150°C
VV
mA
8EWF12SPbF
1200
1300
4
Absolute Maximum Ratings
Parameters
8EWF
Units
Conditions
t
rr
Reverse Recovery Time
270
ns
I
F @ 8Apk
I
rr
Reverse Recovery Current
4.2
A
@ 25A/µs
Qrr
Reverse Recovery Charge
1
µC
@ T
J = 25°C
S
Typical Snap Factor
tb/ta
0.6
-
Parameters
8EWF
Units
Conditions
A
A2s
V
FM
Max. Forward Voltage Drop
1.3
V
@ 8A, T
J =
25°C
r
t
Forward slope resistance
25.6
mΩ
VF(TO)Threshold voltage
0.93
V
I
RM
Max. Reverse Leakage Current
0.1
T
J =
25 °C
4TJ = 150 °C
Electrical Specifications
Parameters
8EWF
Units
Conditions
T
J =
150°C
V
R = rated VRRM
mA
Typical Reverse Recovery Characteristics
t
IFM
trr
Qrr
Irr
di
dt
tb
ta



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com