Electronic Components Datasheet Search
  English  ▼

X  

APL5932A Datasheet(PDF) 3 Page - Anpec Electronics Coropration

Part # APL5932A
Description  3A, Ultra Low Dropout (0.23V Typical) Linear Regulator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL5932A Datasheet(HTML) 3 Page - Anpec Electronics Coropration

  APL5932A Datasheet HTML 1Page - Anpec Electronics Coropration APL5932A Datasheet HTML 2Page - Anpec Electronics Coropration APL5932A Datasheet HTML 3Page - Anpec Electronics Coropration APL5932A Datasheet HTML 4Page - Anpec Electronics Coropration APL5932A Datasheet HTML 5Page - Anpec Electronics Coropration APL5932A Datasheet HTML 6Page - Anpec Electronics Coropration APL5932A Datasheet HTML 7Page - Anpec Electronics Coropration APL5932A Datasheet HTML 8Page - Anpec Electronics Coropration APL5932A Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.4 - Sep., 2013
APL5932A/B/C/D
www.anpec.com.tw
3
Symbol
Parameter
Rating
Unit
VCNTL
VCNTL Supply Voltage (VCNTL to GND)
-0.3 ~ 6
V
VIN
VIN Supply Voltage (VIN to GND)
-0.3 ~ 6
V
VOUT
VOUT to GND Voltage
-0.3 ~ VIN+0.3
V
POK to GND Voltage
-0.3 ~ 6
V
EN, FB to GND Voltage
-0.3 ~ VCNTL+0.3
V
PD
Power Dissipation
Internally Limited
W
TJ
Maximum Junction Temperature
150
οC
TSTG
Storage Temperature Range
-65 ~ 150
οC
TSDR
Maximum Lead Soldering Temperature, 10 Seconds
260
οC
Absolute Maximum Ratings (Note 1)
Note1: Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are
stress ratings only and functional operation of the device at these or any other conditions beyond those indicated under "recom-
mended operating conditions" is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device
reliability.
Thermal Characteristics
Symbol
Parameter
Typical Value
Unit
θ
JA
Junction-to-Ambient Resistance in Free Air
(Note 2)
SOP-8P
TDFN3x3-10
50
60
oC/W
θ
JC
Junction-to-Case Resistance in Free Air
(Note 3)
SOP-8P
TDFN3x3-10
20
5
oC/W
Note 2:
θ
JA is measured with the component mounted on a high effective thermal conductivity test board in free air. The exposed pad
of SOP-8P/TDFN3x3-10 is soldered directly on the PCB.
Note 3: The “Thermal Pad Temperature” is measured on the PCB copper area connected to the thermal pad of package.
1
2
3
4
8
7
6
5
Measured Point
PCB Copper
Measured Point
PCB Copper
8
7
6
9
10
3
4
5
2
1
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21