Electronic Components Datasheet Search
  English  ▼

X  

STH30 Datasheet(PDF) 2 Page - Sony Corporation

Part # STH30
Description  Stereo Headset STH30
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

STH30 Datasheet(HTML) 2 Page - Sony Corporation

  STH30 Datasheet HTML 1Page - Sony Corporation STH30 Datasheet HTML 2Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.sonymobile.com
Some services and features are market dependent.
Sony “make.believe”, Bravia and Exmor R are trademarks or registered trademarks of Sony Corporation. Xperia is a trademark or registered trademark of Sony Mobile Communications AB. Android™
and YouTube™ are trademarks of Google Inc. All other trademarks or registered trademarks are property of their respective owners. © Sony Mobile Communications AB
CONFIDENTIAL: Not for public circulation. The information contained in this document has been obtained from publicly available sources, and is only intended for sales personnel training purposes.
Whilst reasonable care has been exercised, Sony Mobile is unable to warrant the accuracy of information concerning third party products and users are advised to verify with the respective
manufacturers. All information is correct at the time of printing.
Specifications
Connector:
3.5 mm audio jack
Controls (one key):
Calling – Answer/reject
Listening – Play/pause/forward/back
Colors: Black, White, Purple
Use with:
Smartphone, tablet, laptop, music player or
other device with 3.5 mm audio output.
Speaker type: 9.2 mm dynamic
Nominal Impedance: 18 Ohm
Frequency response: 20Hz – 20000Hz
Total harmonic distortion: <0.5% (100Hz ..
10000Hz @ 1mW)
Microphone: ECM
Kit content:
Stereo Headset STH30
Warranty leaflet
Stereo Headset STH30



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com