| Electronic Components Datasheet Search |
|
AFE58JD32LP Datasheet(PDF) 3 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
AFE58JD32LP Datasheet(HTML) 3 Page - Texas Instruments |
|
3 / 6 page ![]() 3 AFE58JD32LP www.ti.com SBASA47 – MARCH 2020 Product Folder Links: AFE58JD32LP Submit Documentation Feedback Copyright © 2020, Texas Instruments Incorporated 5 Device and Documentation Support 5.1 Documentation Support 5.1.1 Related Documentation For related documentation see the following: • AFE5818 16-Channel, Ultrasound, Analog Front-End with 140-mW/Channel Power, 0.75-nV/√Hz Noise, 14- Bit, 65-MSPS or 12-Bit, 80-MSPS ADC, and Passive CW Mixer • ADS8413 16-BIT, 2-MSPS, LVDS SERIAL INTERFACE, SAR ANALOG-TO-DIGITAL CONVERTER • ADS8472 16-BIT, 1-MSPS, PSEUDO-BIPOLAR, FULLY DIFFERENTIAL INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE, REFERENCE • CDCE72010 Ten Output High Performance Clock Synchronizer, Jitter Cleaner, and Clock Distributor • CDCM7005 3.3-V High Performance Clock Synchronizer and Jitter Cleaner • ISO724x High-Speed, Quad-Channel Digital Isolators • LMK0480x Low-Noise Clock Jitter Cleaner with Dual Loop PLLs • OPA1632 High-Performance, Fully-Differential Audio Operational Amplifier • OPA2x11 1.1-nv/√Hz Noise, Low Power, Precision Operational Amplifier • SN74AUP1T04 LOW POWER, 1.8/2.5/3.3-V INPUT, 3.3-V CMOS OUTPUT, SINGLE INVERTER GATE • THS413x High-Speed, Low-Noise, Fully-Differential I/O Amplifiers • MicroStar BGA Packaging Reference Guide 5.2 Receiving Notification of Documentation Updates To receive notification of documentation updates, navigate to the device product folder on ti.com. In the upper right corner, click on Alert me to register and receive a weekly digest of any product information that has changed. For change details, review the revision history included in any revised document. 5.3 Support Resources TI E2E™ support forums are an engineer's go-to source for fast, verified answers and design help — straight from the experts. Search existing answers or ask your own question to get the quick design help you need. Linked content is provided "AS IS" by the respective contributors. They do not constitute TI specifications and do not necessarily reflect TI's views; see TI's Terms of Use. 5.4 Trademarks E2E is a trademark of Texas Instruments. All other trademarks are the property of their respective owners. 5.5 Electrostatic Discharge Caution This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with appropriate precautions. Failure to observe proper handling and installation procedures can cause damage. ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more susceptible to damage because very small parametric changes could cause the device not to meet its published specifications. 5.6 Glossary SLYZ022 — TI Glossary. This glossary lists and explains terms, acronyms, and definitions. 6 Mechanical, Packaging, and Orderable Information The following pages include mechanical, packaging, and orderable information. This information is the most current data available for the designated devices. This data is subject to change without notice and revision of this document. For browser-based versions of this data sheet, refer to the left-hand navigation. |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |