Electronic Components Datasheet Search
  English  ▼

X  

EL6910 Datasheet(PDF) 21 Page - Beckhoff Automation GmbH & Co. KG

Part # EL6910
Description  TwinSAFE Logic Terminal
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BECKHOFF [Beckhoff Automation GmbH & Co. KG]
Direct Link  https://beckhoff.com/
Logo BECKHOFF - Beckhoff Automation GmbH & Co. KG

EL6910 Datasheet(HTML) 21 Page - Beckhoff Automation GmbH & Co. KG

Back Button EL6910 Datasheet HTML 17Page - Beckhoff Automation GmbH & Co. KG EL6910 Datasheet HTML 18Page - Beckhoff Automation GmbH & Co. KG EL6910 Datasheet HTML 19Page - Beckhoff Automation GmbH & Co. KG EL6910 Datasheet HTML 20Page - Beckhoff Automation GmbH & Co. KG EL6910 Datasheet HTML 21Page - Beckhoff Automation GmbH & Co. KG EL6910 Datasheet HTML 22Page - Beckhoff Automation GmbH & Co. KG EL6910 Datasheet HTML 23Page - Beckhoff Automation GmbH & Co. KG EL6910 Datasheet HTML 24Page - Beckhoff Automation GmbH & Co. KG EL6910 Datasheet HTML 25Page - Beckhoff Automation GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 144 page
background image
Operation
EL6910
21
Version: 1.8.0
4.2.3.4
Installation on mounting rails
WARNING
Risk of electric shock and damage of device!
Bring the bus terminal system into a safe, powered down state before starting installation, disassembly or
wiring of the Bus Terminals!
Mounting
Fig. 5: Installation on the mounting rail
The Bus Couplers and Bus Terminals are attached to commercially available 35 mm mounting rails (DIN rail
according to EN 60715) by applying slight pressure:
1. First attach the Fieldbus Coupler to the mounting rail.
2. The Bus Terminals are now attached on the right-hand side of the Fieldbus Coupler. Join the compo-
nents with slot and key and push the terminals against the mounting rail, until the lock clicks onto the
mounting rail.
If the terminals are clipped onto the mounting rail first and then pushed together without slot and key,
the connection will not be operational! When correctly assembled, no significant gap should be visible
between the housings.
Fastening of mounting rails
The locking mechanism of the terminals and couplers protrudes into the profile of the mounting rail.
When installing the components, make sure that the locking mechanism doesn't come into conflict
with the fixing bolts of the mounting rail. For fastening mounting rails with a height of 7.5 mm under
the terminals and couplers, use flat fastening components such as countersunk head screws or
blind rivets.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com