Electronic Components Datasheet Search
  English  ▼

X  

PCM1840 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1840
Description  PCM1840 Quad Channel, 32-Bit, 192-kHz, Burr-BrownTM Audio ADC
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM1840 Datasheet(HTML) 12 Page - Texas Instruments

Back Button PCM1840 Datasheet HTML 8Page - Texas Instruments PCM1840 Datasheet HTML 9Page - Texas Instruments PCM1840 Datasheet HTML 10Page - Texas Instruments PCM1840 Datasheet HTML 11Page - Texas Instruments PCM1840 Datasheet HTML 12Page - Texas Instruments PCM1840 Datasheet HTML 13Page - Texas Instruments PCM1840 Datasheet HTML 14Page - Texas Instruments PCM1840 Datasheet HTML 15Page - Texas Instruments PCM1840 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 34 page
background image
2
1
0
N-1
N-2
N-3
1
0
Ch1
(Word Length : 32)
Ch2
(Word Length : 32)
FSYNC
BCLK
SDOUT
n
th Sample (64 BCLK Cycles)
(n+1)
th Sample (64 BCLK Cycles)
0
2
1
0
N-1
N-2
N-3
1
N-1
0
Ch1
(Word Length : 32)
Ch2
(Word Length : 32)
N-1
N-2
N-3
N-1
N-2
N-3
2
1
0
N-1
N-2
N-3
2
1
0
N-1
N-2
N-3
1
0
Ch1
(Word Length : 32)
Ch2
(Word Length : 32)
Ch3 to Ch4
(Word Length : 32)
2
1
0
Ch1
(Word Length : 32)
FSYNC
BCLK
SDOUT
n
th Sample ( 128 BCLK Cycles)
(n+1)
th Sample
0
N-1
N-2
N-3
N-1
N-2
N-3
2
1
0
N-1
N-2
N-1
N-2
N-3
2
1
0
Ch1
(Word Length : 32)
Ch2
(Word Length : 32)
2
1
0
N-1
N-2
Ch1
(Word Length : 32)
BCLK
SDOUT
n
th Sample
(n+1)
th Sample
FSYNC
12
PCM1840
SBAS989 – APRIL 2019
www.ti.com
Product Folder Links: PCM1840
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
Figure 15. TDM Mode Protocol Timing (FMT0 = HIGH) In Slave Mode
Figure 16. TDM Mode Protocol Timing (FMT0 = LOW) In Master Mode
Figure 17. TDM Mode Protocol Timing (FMT0 = HIGH) In Master Mode
For proper operation of the audio bus in TDM mode, the number of bit clocks per frame must be greater than or
equal to the number of active output channels times the 32-bits word length of the output channel data. The
device transmits a zero data value on SDOUT for the extra unused bit clock cycles. The device supports FSYNC
as a pulse with a 1-cycle-wide bit clock, but also supports multiples as well.
7.3.2.2 Inter IC Sound (I2S) Interface
The standard I2S protocol is defined for only two channels: left and right. In I2S mode, the MSB of the left slot 0 is
transmitted on the falling edge of BCLK in the second cycle after the falling edge of FSYNC. The MSB of the
right slot 0 is transmitted on the falling edge of BCLK in the second cycle after the rising edge of FSYNC. Each
subsequent data bit is transmitted on the falling edge of BCLK. In master mode, FSYNC is transmitted on the
rising edge of BCLK. Figure 18 and Figure 19 illustrate the protocol timing for I2S operation in slave and master
mode of operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com