Electronic Components Datasheet Search
  English  ▼

X  

OPA388IDBVT Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # OPA388IDBVT
Description  OPAx388 Precision, Zero-Drift, Zero-Crossover, True Rail-to-Rail, Input/Output Operational Amplifiers
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA388IDBVT Datasheet(HTML) 8 Page - Texas Instruments

Back Button OPA388IDBVT Datasheet HTML 4Page - Texas Instruments OPA388IDBVT Datasheet HTML 5Page - Texas Instruments OPA388IDBVT Datasheet HTML 6Page - Texas Instruments OPA388IDBVT Datasheet HTML 7Page - Texas Instruments OPA388IDBVT Datasheet HTML 8Page - Texas Instruments OPA388IDBVT Datasheet HTML 9Page - Texas Instruments OPA388IDBVT Datasheet HTML 10Page - Texas Instruments OPA388IDBVT Datasheet HTML 11Page - Texas Instruments OPA388IDBVT Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 45 page
background image
8
OPA388, OPA2388, OPA4388
SBOS777C – DECEMBER 2016 – REVISED MAY 2019
www.ti.com
Product Folder Links: OPA388 OPA2388 OPA4388
Submit Documentation Feedback
Copyright © 2016–2019, Texas Instruments Incorporated
6.7 Electrical Characteristics: VS = ±1.25 V to ±2.75 V (VS = 2.5 to 5.5 V)
at TA = 25°C, VCM = VOUT = VS / 2, and RLOAD = 10 kΩ connected to VS / 2 (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OFFSET VOLTAGE
VOS
Input offset voltage
OPA388, OPA2388
±0.25
±5
µV
VS = 5.5 V
OPA4388
±2.25
±8
TA = –40°C to +125°C
OPA388, OPA2388
±7.5
TA = –40°C to +125°C, VS = 5.5 V
OPA4388
±10.5
dVOS/dT
Input offset voltage drift
TA = –40°C to +125°C
OPA388, OPA2388
±0.005
±0.05
µV/°C
TA = –40°C to +125°C, VS = 5.5 V
OPA4388
±0.005
±0.05
PSRR
Power-supply rejection
ratio
TA = –40°C to +125°C
OPA388, OPA2388
±0.1
±1
µV/V
OPA4388
±1.25
±3.5
INPUT BIAS CURRENT
IB
Input bias current
RIN = 100 kΩ, OPA388, OPA2388
±30
±350
pA
TA = 0°C to +85°C
±400
TA = –40°C to +125°C
±700
RIN = 100 kΩ, OPA4388
±30
±500
TA = 0°C to +85°C
±600
TA = –40°C to +125°C
±800
IOS
Input offset current
RIN = 100 kΩ, OPA388, OPA2388
±700
TA = 0°C to +85°C
±800
TA = –40°C to +125°C
±800
RIN = 100 kΩ, OPA4388
±1000
TA = 0°C to +85°C
±1100
TA = –40°C to +125°C
±1100
NOISE
EN
Input voltage noise
f = 0.1 Hz to 10 Hz
0.14
µVPP
eN
Input voltage noise density
f = 10 Hz
7
nV/
√Hz
f = 100 Hz
7
f = 1 kHz
7
f = 10 kHz
7
IN
Input current noise density
f = 1 kHz
100
fA/
√Hz
INPUT VOLTAGE
VCM
Common-mode voltage
range
(V–) – 0.1
(V+) + 0.1
V
CMRR
Common-mode rejection
ratio
(V–) – 0.1 V < VCM < (V+) + 0.1 V
VS = ±1.25 V
OPA388, OPA2388
124
138
dB
VS = ±1.25 V
OPA4388
102
110
VS = ±2.75 V
124
140
(V–) < VCM < (V+) + 0.1 V,
TA = –40°C to +125°C
VS = ±1.25 V
OPA388, OPA2388
114
134
VS = ±1.25 V
OPA4388
102
107
(V–) – 0.05 V < VCM < (V+) + 0.1 V,
TA = –40°C to +125°C
VS = ±2.75 V
124
140
INPUT IMPEDANCE
zid
Differential input
impedance
100 || 2
MΩ || pF
zic
Common-mode input
impedance
60 || 4.5
TΩ || pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com