Electronic Components Datasheet Search
  English  ▼

X  

DC-37PR Datasheet(PDF) 1 Page - Japan Aviation Electronics Industry, Ltd.

Part # DC-37PR
Description  D-sub Connector, PCB side connector, Right angle, Socket, 37 pos.
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

DC-37PR Datasheet(HTML) 1 Page - Japan Aviation Electronics Industry, Ltd.

  DC-37PR Datasheet HTML 1Page - Japan Aviation Electronics Industry, Ltd. DC-37PR Datasheet HTML 2Page - Japan Aviation Electronics Industry, Ltd. DC-37PR Datasheet HTML 3Page - Japan Aviation Electronics Industry, Ltd. DC-37PR Datasheet HTML 4Page - Japan Aviation Electronics Industry, Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DC-37SA-NR
PartNumber
DC-37SA-NR
Status
Active
Features
D-subConnector,PCBsideconnector,Rightangle,
Socket,37pos.
NumberofPositions
37pos.
ContactPitch(mm)
RatedCurrent(A)
5
RatedVoltage(V)
ApplicableSpecifications
Waterproof/Non-waterproof
Applications
ConnectorType
PCBsideconnector
ConnectorStyle
Rightangle
ContactType
Socket
WireTerminationStyle
ApplicableWireSize(AWG)
EMIShielded
FALSE
PCBMountingStyle
Soldering
SMDFlag
FALSE
ShellSize
C
ApplicableWireSize(mm2)
ApplicableWireSize
ProductDetails


Similar Part No. - DC-37PR

ManufacturerPart #DatasheetDescription
logo
ITT Industries
DC-37P-0L2-K87 ITT-DC-37P-0L2-K87 Datasheet
33Kb / 1P
Brand: Cannon Product Category: D Sub Product Line: D Sub Series: ORIGINAL D
DC-37P-1-A-7-N-K87 ITT-DC-37P-1-A-7-N-K87 Datasheet
34Kb / 1P
Brand: Cannon Product Category: D Sub Product Line: D Sub Series: ORIGINAL D
DC-37P-1A7N-K87 ITT-DC-37P-1A7N-K87 Datasheet
34Kb / 1P
Brand: Cannon Product Category: D Sub Product Line: D Sub Series: ORIGINAL D
DC-37P-A191 ITT-DC-37P-A191 Datasheet
34Kb / 1P
Brand: Cannon Product Category: D Sub Product Line: D Sub Series: ORIGINAL D
DC-37P-A191-K87 ITT-DC-37P-A191-K87 Datasheet
34Kb / 1P
Datasheet for part number DC37PA191K87
More results

Similar Description - DC-37PR

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
DE09-PS-24 ADAM-TECH-DE09-PS-24 Datasheet
186Kb / 1P
D-SUB 9 POS MALE RIGHT ANGLE
DXXX-SL-14 ADAM-TECH-DXXX-SL-14 Datasheet
101Kb / 1P
D-SUB RIGHT ANGLE PCB
DXXX-SL-23 ADAM-TECH-DXXX-SL-23 Datasheet
104Kb / 1P
D-SUB RIGHT ANGLE PCB
DXXX-SL-24-F ADAM-TECH-DXXX-SL-24-F Datasheet
107Kb / 1P
D-SUB RIGHT ANGLE PCB
DXXX-SQ-F3 ADAM-TECH-DXXX-SQ-F3 Datasheet
124Kb / 1P
D-SUB RIGHT ANGLE PCB
HDL15-SUN-24 ADAM-TECH-HDL15-SUN-24 Datasheet
94Kb / 1P
D-SUB SOCKET RIGHT ANGLE
HDL15-SUN-25 ADAM-TECH-HDL15-SUN-25 Datasheet
93Kb / 1P
D-SUB SOCKET RIGHT ANGLE
logo
Japan Aviation Electron...
DELC-J9PAF-20L9E JAE-DELC-J9PAF-20L9E Datasheet
47Kb / 4P
D-Sub Connector, PCB side connector, Right angle, Pin, 9 pos.
DBU-25SF-F0 JAE-DBU-25SF-F0 Datasheet
46Kb / 4P
D-Sub Connector, 25 pos., Cable side connector
logo
CONEC Elektronische Bau...
160X10449X CONEC-160X10449X Datasheet
42Kb / 1P
Dust cap for socket connector 9 - 37 pos.
1995.18.07
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com