Electronic Components Datasheet Search
  English  ▼

X  

DHT12 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # DHT12
Description  Digital temperature
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

DHT12 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button DHT12 Datasheet HTML 5Page - List of Unclassifed Manufacturers DHT12 Datasheet HTML 6Page - List of Unclassifed Manufacturers DHT12 Datasheet HTML 7Page - List of Unclassifed Manufacturers DHT12 Datasheet HTML 8Page - List of Unclassifed Manufacturers DHT12 Datasheet HTML 9Page - List of Unclassifed Manufacturers DHT12 Datasheet HTML 10Page - List of Unclassifed Manufacturers DHT12 Datasheet HTML 11Page - List of Unclassifed Manufacturers DHT12 Datasheet HTML 12Page - List of Unclassifed Manufacturers DHT12 Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
- 8
广州奥松电子有限公司 电话:020-36042809 / 36380552
www.aosong.com
The
corresponding
signal
Sensor data bus (SDA), Lower 80µsAnd higher 80µs In response to host the
starting signal
Data format
Receives a host after the starting signal, sensors at once from the data bus
(SDA) 40 Data, high
Humidity
Humidity high humidity integer data, humidity low humidity decimal data
Temperature
Temperature high temperature integer data, temperature low temperature
decimal data, and low temperature Bit8 为 1 The negative temperature,
otherwise positive temperature
Check digit
Check digit=Humidity high+Humidity is low+Temperature highs+Low
temperature
Example: receiving 40 Data for:
00111000 00001000
00011010
00000110
01100000
Humidity integral digits Humidity scale
Temperature integer
bit Temperature scale
Check digit
00111000+00001000+00011010+00000110=01100000(Check
digit)
receive data properly:
Humidity:00111000 (Binary) =>56 (Decimal)00001000(Binary)=>8 (Decimal)
=>Humidity=56.8%RH
Temperature:00011010 (Binary) =>26 (Decimal)00000110(Binary)=>6 (Decimal)
=>Temperature= 26.6 degrees
Celsius Example two: received 40 Data for:
00111000 00001000
00011010
10000110
11100000
Humidity integral digits Humidity scale
Temperature integer
bit Temperature scale
Check digit
00111000+00001000+00011010+10000110=11100000(Check
digit)
receive data properly:
Humidity:00111000 (Binary) =>56 (Decimal)00001000(Binary)=>8 (Decimal)
=>Humidity=56.8%RH
Temperature: temperature low 8Bit 为 1 It indicates sampling the temperature to
minus-temperature
00011010 (Binary) =>26 (Decimal)
10000110 (Binary,Ignore 8Bit)=>6(Decimal)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com