Electronic Components Datasheet Search
  English  ▼

X  

MEZD71202A Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MEZD71202A
Description  4.5V - 24V Input, 2A, DC/DC Power Supply
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MEZD71202A Datasheet(HTML) 2 Page - Monolithic Power Systems

  MEZD71202A Datasheet HTML 1Page - Monolithic Power Systems MEZD71202A Datasheet HTML 2Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
mEZD71202A Rev. 1.1
www.MonolithicPower.com
2
3/8/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
Preliminary Specifications Subject to Change
© 2017 MPS. All Rights Reserved.
MPDIY71202A
VIN
ADD
BST
SW
VOUT
VCC
PGND
AGND
EN
C5
C2
C1
L1
VIN
VOUT
C4
R1
GND
C3
Inside mEZD71202A-X
Item
Qty
RefDes
Value
Description
Package
Manufacturer
Manufacturer P/N
1
1
C1
0.22µF
Ceramic Cap., 16V, X5R
0402
WE
885012105017
2
1
C2
4.7µF
Ceramic Cap., 50V, X7R
1206
WE
885012208094
3
2
C3, C4
47µF
Ceramic Cap., 10V, X5R
0805
WE
885012107011
4
1
C5
1µF
Ceramic Cap., 10V, X5R
0402
WE
885012105012
5
1
L1
3.3µH
Idc 4.1A, DCR 38
mΩ
5.5x5.2mm
WE
74437336033
6
1
R1
499k
Ω
Film Res., 5%
0402
Yageo
RC0402JR-07499KL
7
1
P1
3-Pin
3-Pin Male Connector, Right
Angle
Bulk
TE-
Connectivity
571-3-644457-3
8
1
U1
MPDIY71202A
Synchronous Step-Down
Converter
QFN-16
MPS
MPDIY71202A
TOP VIEW
BOTTOM VIEW
SIDE VIEW
Pin
Designation
Function
1
VIN
Input Voltage
2
GND
Power Ground
3
VOUT
Output Voltage
mEZD71202A Series
4.5V - 24V Input, 2A, DC/DC Power Supply
DO-IT-YOURSELF SCHEMATIC
PRODUCT PACKAGE AND DIMENSIONS
NOTE:
Contact factory for different sizes of the boards (Quantity >2k).
For more information, Gerber files, and PCB layout, please contact
mEZsupport@monolithicpower.com
BILL OF MATERIALS



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com