Electronic Components Datasheet Search
  English  ▼

X  

MP3429GL Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP3429GL
Description  2.7V - 13V Input, 1A, Step-Up Power Supply
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3429GL Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP3429GL Datasheet HTML 1Page - Monolithic Power Systems MP3429GL Datasheet HTML 2Page - Monolithic Power Systems MP3429GL Datasheet HTML 3Page - Monolithic Power Systems MP3429GL Datasheet HTML 4Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
mEZD41501A-X Rev. 1.0
www.MonolithicPower.com
1
3/2/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
Preliminary Specifications Subject to Change
© 2017 MPS. All Rights Reserved.
Part Number
Input Voltage
(V)
Output Voltage
(V)
Output Current
(A)
MEZD41501A-A
2.7 - 4.2
5
1
MEZD41501A-B
2.7 - 10
12
1
MEZD41501A-C
2.7 - 13
15
1
Part Number
Input Voltage
(V)
Output Voltage
(V)
Output Current
(A)
mEZD41501A-X
2.7 - 13
5, 12, 15
1
mEZD41502A-X
2.7 - 13
5, 12, 15
2
mEZD41503A-X
2.7 - 13
5, 12, 15
3
Input Voltage Range
mEZD41501A-A
2.7V to 4.2V
mEZD41501A-B
2.7V to 10V
mEZD41501A-C
2.7V to 13V
Output Voltage Set Accuracy
±2.2%
Output Voltage Ripple
VIN = 3.3V, VOUT = 5V, IOUT = 1A
17mV (Typ.)
VIN = 6.6V, VOUT = 12V, IOUT = 1A
50mV (Typ.)
VIN = 6.6V, VOUT = 15V, IOUT = 1A
60mV (Typ.)
Line Regulation
VIN from MIN to MAX, IOUT = 1A
±0.2%
Load Regulation
IOUT from MIN to MAX, VIN = 6.6V
±0.5%
Efficiency
VIN = 3.3V, VOUT = 5V, IOUT = 1A
97.5%
VIN = 6.6V, VOUT = 12V, IOUT = 1A
96.7%
VIN = 6.6V, VOUT = 15V, IOUT = 1A
96%
Switching Frequency
Typical switching frequency
600kHz
Short-Circuit Protection
No output short allowed
-
Operating Temperature Range
0 to 85°C
Over-Temperature Protection
OTP
150°C
Calculated MTBF
MIL-HDBK-217F
4185x103 hrs
FEATURES
600kHz Fixed Frequency
High Efficiency
Over-Temperature Protection
Up to 13V Input Voltage
5V, 12V, 15V Output Options
1A Continuous Output Current
Open Design Files and BOM
ORDERING INFORMATION
mEZD41501A-X
2.7V - 13V Input, 1A, Step-Up Power Supply
ELECTRICAL CHARACTERISTICS
Do-It-Yourself Option Available
mEZD4150xA-x FAMILY PRODUCTS


Similar Part No. - MP3429GL

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP3429GL MPS-MP3429GL Datasheet
1Mb / 22P
16VOUT, 21A, High-Efficiency, Fully Integrated, Synchronous, Boost Converter
MP3429GL MPS-MP3429GL Datasheet
481Kb / 8P
21A High Efficiency Fully-Integrated Synchronous Boost Converter EV Board
Rev.1.0 2/8/2017
MP3429GL-P MPS-MP3429GL-P Datasheet
1Mb / 22P
16VOUT, 21A, High-Efficiency, Fully Integrated, Synchronous, Boost Converter
More results

Similar Description - MP3429GL

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1800 MAXIM-MAX1800 Datasheet
461Kb / 24P
Digital Camera Step-Up Power Supply
19-1833; Rev 0; 10/00
logo
DB Lectro Inc
SC2R7303Z DBLECTRO-SC2R7303Z Datasheet
294Kb / 2P
2.7V/3.0F Primary or back-up power supply
logo
Maxim Integrated Produc...
MAX5X02EVKIT MAXIM-MAX5X02EVKIT Datasheet
799Kb / 16P
2.7V to 5.5V Wide Input Supply Range
Rev 0; 5/13
logo
ON Semiconductor
LA5797MC ONSEMI-LA5797MC Datasheet
188Kb / 4P
Charge Pump Step-up Power Supply
August, 2013
logo
Monolithic Power System...
MEZD41502A-X MPS-MEZD41502A-X Datasheet
571Kb / 4P
2.7V - 13V Input, 2A, Step-Up Power Supply
MEZD41503A-X MPS-MEZD41503A-X Datasheet
511Kb / 4P
2.7V - 10V Input, 3A, Step-Up Power Supply
MEZD71201A MPS-MEZD71201A Datasheet
455Kb / 2P
4.5V - 24V Input, 1A, DC/DC Power Supply
logo
Maxim Integrated Produc...
MAX17271EVKIT MAXIM-MAX17271EVKIT Datasheet
1Mb / 13P
2.7V to 5.5V, 1A DC power supply
Rev 1; 7/19
MAX17270EVKIT MAXIM-MAX17270EVKIT Datasheet
1,014Kb / 13P
2.7V to 5.5V, 1A DC power supply
Rev 0; 2/18
logo
Wurth Elektronik GmbH &...
171013801 WURTH-171013801 Datasheet
4Mb / 39P
WPME-VDLM - Variable Step Down LGA Module 3.5V - 38V / 1A / 0.85V - 13V Output
Version 1.2
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com