Electronic Components Datasheet Search
  English  ▼

X  

MAS2901FE Datasheet(PDF) 8 Page - Zarlink Semiconductor Inc

Part # MAS2901FE
Description  RADIATION HARD 4-BIT MICROPROCESSOR SLICE
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

MAS2901FE Datasheet(HTML) 8 Page - Zarlink Semiconductor Inc

Back Button MAS2901FE Datasheet HTML 4Page - Zarlink Semiconductor Inc MAS2901FE Datasheet HTML 5Page - Zarlink Semiconductor Inc MAS2901FE Datasheet HTML 6Page - Zarlink Semiconductor Inc MAS2901FE Datasheet HTML 7Page - Zarlink Semiconductor Inc MAS2901FE Datasheet HTML 8Page - Zarlink Semiconductor Inc MAS2901FE Datasheet HTML 9Page - Zarlink Semiconductor Inc MAS2901FE Datasheet HTML 10Page - Zarlink Semiconductor Inc MAS2901FE Datasheet HTML 11Page - Zarlink Semiconductor Inc MAS2901FE Datasheet HTML 12Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
MA2901
7
DC CHARACTERISTICS AND RATINGS
Parameter
Min
Max
Units
Supply Voltage
-0.5
7
V
Input Voltage
-0.3
VDD+0.3
V
Current Through Any Pin
-20
+20
mA
Operating Temperature
-55
125
°C
Storage Temperature
-65
150
°C
Note: Stresses above those listed may cause permanent
damage to the device. This is a stress rating only and
functional operation of the device at these conditions, or at
any other condition above those indicated in the operations
section of this specification, is not implied. Exposure to
absolute maximum rating conditions for extended periods
may affect device reliability.
Figure 9: Absolute Maximum Ratings
Total dose radiation not
exceeding 3x105 Rad(Si)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VDD
Supply Voltage
-
4.5
5.0
5.5
V
VIH
Input High Voltage
-
2.4
-
-
V
VIL
Input Low Voltage
-
-
-
0.8
V
VOH
Output High Voltage
IOH = -6mA
2.4
-
-
V
VOL
Output Low Voltage
IOL = 10mA
-
-
0.4
V
IIN
Input Leakage Current (Note 1)
VDD = 5.5V,
-
-
±10
µA
VIN = VSS or VDD
IOZ
Output Leakage Current (Note 1)
VDD = 5.5V,
-
-
±50
µA
VIN = VSS or VDD
IDD
Power Supply Current
Static, VDD = 5.5V
-
0.1
10
mA
VDD = 5V±10%, over full operating temperature range.
Mil-Std-883, method 5005, subgroups 1, 2, 3
Notes: 1. Guaranteed but not measured at -55°C
Figure 11: Operating Electrical Characteristics
Subgroup
Definition
1
Static characteristics specified in Figure 11 at +25°C
2
Static characteristics specified in Figure 11 at +125°C
3
Static characteristics specified in Figure 11 at -55°C
7
Functional characteristics at +25°C
8A
Functional characteristics at +125°C
8B
Functional characteristics at -55°C
9
Switching characteristics specified in Figures 12, 13 and 14 at +25°C
10
Switching characteristics specified in Figures 12, 13 and 14 at +125°C
11
Switching characteristics specified in Figures 12, 13 and 14 at -55°C
Figure 10: Definition of Subgroups



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com