Electronic Components Datasheet Search
  English  ▼

X  

EEVTG1K331M Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # EEVTG1K331M
Description  Aluminum Electrolytic Capacitor/TG
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EEVTG1K331M Datasheet(HTML) 3 Page - Panasonic Semiconductor

  EEVTG1K331M Datasheet HTML 1Page - Panasonic Semiconductor EEVTG1K331M Datasheet HTML 2Page - Panasonic Semiconductor EEVTG1K331M Datasheet HTML 3Page - Panasonic Semiconductor EEVTG1K331M Datasheet HTML 4Page - Panasonic Semiconductor EEVTG1K331M Datasheet HTML 5Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Aluminum Electrolytic Capacitor/TG
Design, Specifications are subject to change without notice. Ask factory for technical specifications before purchase and / or use.
Whenever a doubt about safety arises from this product, please inform us immediately for technical consulation without fail.
 EE76 
(V)
s
Standard Products
(µF)
(mm)
(mm)
(m A )
(
Ω)
(pcs)
16
10
25
EEVTG1A101P
EEVTG1A221UP
EEVTG1A221P
EEVTG1A331UP
EEVTG1A331P
EEVTG1A471UP
EEVTG1A102Q
EEVTG1A152UQ
EEVTG1A222M
EEVTG1A332UM
EEVTG1A332M
EEVTG1A472M
EEVTG1C101P
EEVTG1C221UP
EEVTG1C221P
EEVTG1C331UP
EEVTG1C331Q
EEVTG1C471Q
EEVTG1C681Q
EEVTG1C102UQ
EEVTG1C102M
EEVTG1C222UM
EEVTG1C222M
EEVTG1C332M
EEVTG1E470P
EEVTG1E101UP
EEVTG1E101P
EEVTG1E221UP
EEVTG1E221P
EEVTG1E331UP
EEVTG1E331Q
EEVTG1E471Q
EEVTG1E681UQ
EEVTG1E681M
EEVTG1E102UM
EEVTG1E102M
EEVTG1E222M
EEVTG1V330P
EEVTG1V470UP
EEVTG1V470P
EEVTG1V101UP
EEVTG1V101P
EEVTG1V221UP
EEVTG1V331Q
1000
1000
500
500
500
500
200
200
125
125
125
125
500
500
500
500
200
200
200
200
125
125
125
125
1000
1000
500
500
500
500
200
200
200
125
125
125
125
1000
1000
500
500
500
500
1000
Ripple
current
(100kHz)
(+125
°C)
Cap
(±20%)
tan
δ
(120Hz)
(+20
°C)
ESR
(100kHz)
(+20
°C)
100
220
330
470
1000
1500
2200
3300
4700
100
220
330
470
680
1000
2200
3300
47
100
220
330
470
680
1000
2200
33
47
100
220
330
E
(E)
F
(F)
G
(G)
H13
(H13)
J16
(J16)
K16
K16
F
(F)
G
(G)
H13
H13
H13
(H13)
J16
(J16)
K16
K16
E
(E)
F
(F)
G
(G)
H13
H13
(H13)
J16
(J16)
K16
K16
E
(E)
F
(F)
G
(G)
H13
100
(100)
197
(197)
270
(270)
800
(800)
1100
(1100)
1300
1300
197
(197)
270
(270)
800
800
800
(800)
1100
(1100)
1300
1300
100
(100)
197
(197)
270
(270)
800
800
(800)
1100
(1100)
1300
1300
100
(100)
197
(197)
270
(270)
800
0.30
0.30
0.30
0.30
0.30
0.30
0.30
0.30
0.32
0.34
0.34
0.36
0.23
0.23
0.23
0.23
0.23
0.23
0.23
0.23
0.23
0.25
0.25
0.27
0.18
0.18
0.18
0.18
0.18
0.18
0.18
0.18
0.18
0.18
0.18
0.18
0.20
0.16
0.16
0.16
0.16
0.16
0.16
0.16
1.0
(1.0)
0.5
(0.5)
0.3
(0.3)
0.12
(0.12)
0.08
(0.08)
0.075
0.075
0.5
(0.5)
0.3
(0.3)
0.12
0.12
0.12
(0.12)
0.08
(0.08)
0.075
0.075
1.0
(1.0)
0.5
(0.5)
0.3
(0.3)
0.12
0.12
(0.12)
0.08
(0.08)
0.075
0.075
1.0
(1.0)
0.5
(0.5)
0.3
(0.3)
0.12
35
8
(8)
8
(8)
10
(10)
12.5
(12.5)
16
(16)
18
18
8
(8)
10
(10)
12.5
12.5
12.5
(12.5)
16
(16)
18
18
8
(8)
8
(8)
10
(10)
12.5
12.5
(12.5)
16
(16)
18
18
8
(8)
8
(8)
10
(10)
12.5
6.2
(6.2)
10.2
(10.2)
10.2
(10.2)
13.5
(13.5)
16.5
(16.5)
16.5
16.5
10.2
(10.2)
10.2
(10.2)
13.5
13.5
13.5
(13.5)
16.5
(16.5)
16.5
16.5
6.2
(6.2)
10.2
(10.2)
10.2
(10.2)
13.5
13.5
(13.5)
16.5
(16.5)
16.5
16.5
6.2
(6.2)
10.2
(10.2)
10.2
(10.2)
13.5
W.V.
Case Size
Dia.
Length
Siz e
code
Specification
Part No.
Min. Packaging
Q’ty
Taping
The taping dimension are explained on p.42 of our Catalog.
Please use it as a reference guide.
Endurance : 125
°C 1000 to 2000h



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com