Electronic Components Datasheet Search
  English  ▼

X  

1751448 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1751448
Description  Printed-circuit board connector - CCA 2,5/ 2-G-5,08 AU P26THR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1751448 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1751448 Datasheet HTML 1Page - PHOENIX CONTACT 1751448 Datasheet HTML 2Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
https://www.phoenixcontact.com/us/products/1751448
03/24/2014   Page 1 / 2
Printed-circuit board connector - CCA 2,5/ 2-G-5,08 AU P26THR - 1751448
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://download.phoenixcontact.com)
Header, Nominal current: 12 A, Number of positions: 2, Pitch: 5.08 mm, Color: black, Contact surface: Gold
Key commercial data
Packing unit
1 pc
Minimum order quantity
50 pc
Weight per Piece (excluding packing)
1.49 GRM
Custom tariff number
85366990
Country of origin
Germany
Technical data
Dimensions
Pitch
5.08 mm
Dimension a
5.08 mm
General
Range of articles
CCA 2,5/..-G
Rated voltage (III/3)
250 V
Connection in acc. with standard
EN-VDE
Nominal current IN
12 A
Color
black
Number of positions
2
Classifications
eCl@ss
eCl@ss 4.0
272607xx
eCl@ss 4.1
27260701
eCl@ss 5.0
27260701
eCl@ss 5.1
27260701
eCl@ss 6.0
27260704
eCl@ss 7.0
27440402
eCl@ss 8.0
27440402
ETIM
ETIM 3.0
EC001121
ETIM 4.0
EC002637


Similar Part No. - 1751448

ManufacturerPart #DatasheetDescription
logo
Weidmuller
1751440000 WEIDMULLER-1751440000 Datasheet
87Kb / 4P
BLIDCB 3.5/2 SN SW
1751440000 WEIDMULLER-1751440000 Datasheet
87Kb / 4P
BLIDCB 3.5/3 SN OR
1751440000 WEIDMULLER-1751440000 Datasheet
87Kb / 4P
BLIDCB 3.5/3 SN SW
1751440000 WEIDMULLER-1751440000 Datasheet
87Kb / 4P
BLIDCB 3.5/6 SN OR
1751440000 WEIDMULLER-1751440000 Datasheet
87Kb / 4P
BLIDCB 3.5/8 SN OR
More results

Similar Description - 1751448

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1703562 PHOENIX-1703562 Datasheet
61Kb / 3P
Printed-circuit board connector - CCA 2,5/ 8-G-5,08 GN P26THR
1705815 PHOENIX-1705815 Datasheet
72Kb / 3P
Printed-circuit board connector - CCA 2,5/12-G-5,08 AU P26THR
1827647 PHOENIX-1827647 Datasheet
96Kb / 4P
Printed-circuit board connector - CCA 2,5/13-G-5,08 P26THR
1827650 PHOENIX-1827650 Datasheet
96Kb / 4P
Printed-circuit board connector - CCA 2,5/14-G-5,08 P26THR
1827663 PHOENIX-1827663 Datasheet
96Kb / 4P
Printed-circuit board connector - CCA 2,5/15-G-5,08 P26THR
1827692 PHOENIX-1827692 Datasheet
96Kb / 4P
Printed-circuit board connector - CCA 2,5/18-G-5,08 P26THR
1827715 PHOENIX-1827715 Datasheet
95Kb / 4P
Printed-circuit board connector - CCA 2,5/20-G-5,08 P26THR
1827728 PHOENIX-1827728 Datasheet
96Kb / 4P
Printed-circuit board connector - CCA 2,5/21-G-5,08 P26THR
1827744 PHOENIX-1827744 Datasheet
96Kb / 4P
Printed-circuit board connector - CCA 2,5/23-G-5,08 P26THR
1954980 PHOENIX-1954980 Datasheet
194Kb / 12P
Printed-circuit board connector - CCA 2,5/ 8-G-5,08 P26THR
09/12/2020
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com