Electronic Components Datasheet Search
  English  ▼

X  

1751600 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1751600
Description  Printed-circuit board connector - MSTBVA 2,5/ 6-G GY7035
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1751600 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1751600 Datasheet HTML 1Page - PHOENIX CONTACT 1751600 Datasheet HTML 2Page - PHOENIX CONTACT 1751600 Datasheet HTML 3Page - PHOENIX CONTACT 1751600 Datasheet HTML 4Page - PHOENIX CONTACT 1751600 Datasheet HTML 5Page - PHOENIX CONTACT 1751600 Datasheet HTML 6Page - PHOENIX CONTACT 1751600 Datasheet HTML 7Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
https://www.phoenixcontact.com/pi/products/1751600
04/01/2020   Page 1 / 7
Printed-circuit board connector - MSTBVA 2,5/ 6-G GY7035 - 1751600
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
PCB headers, nominal current: 12 A, rated voltage (III/2): 320 V, nominal cross section: 2.5 mm², number of
positions: 6, pitch: 5 mm, color: light gray, contact surface: Tin, mounting: Wave soldering, pin layout: Linear
pinning, solder pin [P]: 3.9 mm
The figure shows a 10-position
version of the product
Your advantages
 Maximum flexibility when it comes to device design – one header for connectors with different connection technologies
 Well-known mounting principle allows worldwide use
 Vertical connection enables multi-row arrangement on the PCB
 Closed contour for optimum stability of the plug-in connection
 Easy PCB replacement thanks to plug-in modules
Key Commercial Data
Packing unit
50 pc
GTIN
GTIN
4046356317672
Technical data
Dimensions
Length [ l ]
8.57 mm
Width
32 mm
Pitch
5 mm
Dimension a
25 mm
Width [ w ]
32 mm
Height [ h ]
15.9 mm
Height
12 mm
Length of the solder pin
3.9 mm
Pin dimensions
1 x 1 mm
Length
8.57 mm


Similar Part No. - 1751600

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1751604 PHOENIX-1751604 Datasheet
52Kb / 3P
PCB terminal block - FFKDSA1/V1-5,08-14
More results

Similar Description - 1751600

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1730074 PHOENIX-1730074 Datasheet
41Kb / 2P
Printed-circuit board connector - MSTBA 2,5/ 3-G GY7035
1740343 PHOENIX-1740343 Datasheet
230Kb / 7P
Printed-circuit board connector - MSTBVA 2,5/ 7-G BK
1740356 PHOENIX-1740356 Datasheet
226Kb / 7P
Printed-circuit board connector - MSTBVA 2,5/ 6-G BK
1740369 PHOENIX-1740369 Datasheet
242Kb / 9P
Printed-circuit board connector - MSTBVA 2,5/ 5-G BK
1944314 PHOENIX-1944314 Datasheet
41Kb / 2P
Printed-circuit board connector - MSTBVA 2,5/ 2-G BU
1700443 PHOENIX-1700443 Datasheet
61Kb / 4P
Printed-circuit board connector - MVSTBW 2,5/ 6-ST GY7035
1751626 PHOENIX-1751626 Datasheet
184Kb / 8P
Printed-circuit board connector - MSTBVA 2,5/ 8-G GY7035
1920639 PHOENIX-1920639 Datasheet
41Kb / 2P
Printed-circuit board connector - MSTBVA 2,5/ 8-G OG
1796597 PHOENIX-1796597 Datasheet
114Kb / 7P
Printed-circuit board connector - MSTBVA 2,5/ 6-G-5,08-RNEX
1809306 PHOENIX-1809306 Datasheet
64Kb / 5P
Printed-circuit board connector - MSTBVA 2,5/ 6-G-5,08-LR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com