Electronic Components Datasheet Search
  English  ▼

X  

1754481 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1754481
Description  MSTB 2,5/ 4-ST
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1754481 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1754481 Datasheet HTML 1Page - PHOENIX CONTACT 1754481 Datasheet HTML 2Page - PHOENIX CONTACT 1754481 Datasheet HTML 3Page - PHOENIX CONTACT 1754481 Datasheet HTML 4Page - PHOENIX CONTACT 1754481 Datasheet HTML 5Page - PHOENIX CONTACT 1754481 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
PHOENIX CONTACT Deutschland GmbH
Page 1 / 6
http://www.phoenixcontact.de
Feb 24, 2010
Extract from the online
catalog
 
MSTB 2,5/ 4-ST
Order No.: 1754481
The figure shows a 10-position version of the product
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=1754481
 
 
Plug component, Nominal current: 12 A, Nom. voltage: 250 V, Pitch:
5 mm, Number of positions: 4, Connection type: Screw connection,
Color: green
 
Commercial data
EAN
4017918028657
Pack
50 pcs.
Customs tariff
85366990
Weight/Piece
0.006923 KG
Catalog page information
Page 198 (CC-2009)
Product notes
WEEE/RoHS-compliant since:
01/01/2003
http://
www.download.phoenixcontact.com
Please note that the data given
here has been taken from the
online catalog. For comprehensive
information and data, please refer
to the user documentation. The
General Terms and Conditions of
Use apply to Internet downloads.
Technical data
Dimensions / positions
Pitch
5 mm
Dimension a
15 mm
Number of positions
4
Screw thread
M3


Similar Part No. - 1754481

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1754481 PHOENIX-1754481 Datasheet
144Kb / 5P
MSTB 2,5/ 4-G
1754481 PHOENIX-1754481 Datasheet
136Kb / 4P
MSTBV 2,5/ 4-G BK
1754481 PHOENIX-1754481 Datasheet
145Kb / 5P
MSTBV 2,5/ 4-G
More results

Similar Description - 1754481

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1751086 PHOENIX-1751086 Datasheet
116Kb / 4P
MSTB 2,5/ 4-ST BD:1-4
1754449 PHOENIX-1754449 Datasheet
142Kb / 6P
MSTB 2,5/ 2-ST
1754504 PHOENIX-1754504 Datasheet
259Kb / 7P
MSTB 2,5/ 5-ST
1757035 PHOENIX-1757035 Datasheet
148Kb / 7P
MSTB 2,5/ 4-ST-5,08
1777303 PHOENIX-1777303 Datasheet
150Kb / 7P
FRONT-MSTB 2,5/ 4-ST-5,08
1752292 PHOENIX-1752292 Datasheet
96Kb / 2P
MSTB 2,5/ 4-ST BK AU
1752302 PHOENIX-1752302 Datasheet
115Kb / 6P
MSTB 2,5/ 4-ST-5,08 AU
1756126 PHOENIX-1756126 Datasheet
104Kb / 2P
MSTB 2,5/ 4-ST OG
1815947 PHOENIX-1815947 Datasheet
77Kb / 3P
MSTB 2,5/ 4-ST-5,08 WH
1706427 PHOENIX-1706427 Datasheet
92Kb / 4P
MSTB 2,5/ 4-ST-5,08 GY7035
12/07/2018
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com