Electronic Components Datasheet Search
  English  ▼

X  

1754517 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1754517
Description  MSTB 2,5/ 6-G
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1754517 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1754517 Datasheet HTML 1Page - PHOENIX CONTACT 1754517 Datasheet HTML 2Page - PHOENIX CONTACT 1754517 Datasheet HTML 3Page - PHOENIX CONTACT 1754517 Datasheet HTML 4Page - PHOENIX CONTACT 1754517 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PHOENIX CONTACT Deutschland GmbH
Page 1 / 5
http://www.phoenixcontact.de
Feb 24, 2010
Extract from the online
catalog
 
MSTB 2,5/ 6-G
Order No.: 1754517
The figure shows a 10-position version of the product
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=1754517
 
 
Header, Nominal current: 12 A, Nom. voltage: 250 V, Pitch: 5 mm,
Number of positions: 6, Color: green, Assembly: Soldering
 
Commercial data
EAN
4017918028688
Pack
50 pcs.
Customs tariff
85366990
Weight/Piece
0.002628 KG
Catalog page information
Page 248 (CC-2009)
Product notes
WEEE/RoHS-compliant since:
01/01/2003
http://
www.download.phoenixcontact.com
Please note that the data given
here has been taken from the
online catalog. For comprehensive
information and data, please refer
to the user documentation. The
General Terms and Conditions of
Use apply to Internet downloads.
Technical data
Dimensions / positions
Pitch
5 mm
Dimension a
25 mm
Number of positions
6
Pin dimensions
1 x 1 mm
Hole diameter
1.4 mm


Similar Part No. - 1754517

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1754517 PHOENIX-1754517 Datasheet
142Kb / 6P
MSTB 2,5/ 6-ST
1754517 PHOENIX-1754517 Datasheet
172Kb / 6P
MVSTBR 2,5/ 6-ST
1754517 PHOENIX-1754517 Datasheet
151Kb / 6P
MVSTBW 2,5/ 6-ST
More results

Similar Description - 1754517

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0707141 PHOENIX-0707141 Datasheet
114Kb / 7P
Base strip - DFK-MSTB 2,5/ 6-G
1754452 PHOENIX-1754452 Datasheet
145Kb / 5P
MSTB 2,5/ 3-G
1754478 PHOENIX-1754478 Datasheet
144Kb / 5P
MSTB 2,5/ 4-G
1754591 PHOENIX-1754591 Datasheet
145Kb / 5P
MSTB 2,5/10-G
1754630 PHOENIX-1754630 Datasheet
145Kb / 5P
MSTB 2,5/12-G
1759059 PHOENIX-1759059 Datasheet
151Kb / 6P
MSTB 2,5/ 6-G-5,08
1759460 PHOENIX-1759460 Datasheet
96Kb / 2P
MSTB 2,5/ 6-G-5,08 BK
1752441 PHOENIX-1752441 Datasheet
96Kb / 2P
MSTB 2,5/ 6-G BK AU
1754779 PHOENIX-1754779 Datasheet
147Kb / 5P
MSTB 2,5/19-G
1756324 PHOENIX-1756324 Datasheet
106Kb / 4P
MSTB 2,5/ 6-G BK
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com