Electronic Components Datasheet Search
  English  ▼

X  

1754520 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1754520
Description  MSTB 2,5/ 6-ST
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1754520 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1754520 Datasheet HTML 1Page - PHOENIX CONTACT 1754520 Datasheet HTML 2Page - PHOENIX CONTACT 1754520 Datasheet HTML 3Page - PHOENIX CONTACT 1754520 Datasheet HTML 4Page - PHOENIX CONTACT 1754520 Datasheet HTML 5Page - PHOENIX CONTACT 1754520 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
PHOENIX CONTACT Deutschland GmbH
Page 1 / 6
http://www.phoenixcontact.de
Feb 24, 2010
Extract from the online
catalog
 
MSTB 2,5/ 6-ST
Order No.: 1754520
The figure shows a 10-position version of the product
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=1754520
 
 
Plug component, Nominal current: 12 A, Nom. voltage: 250 V, Pitch:
5 mm, Number of positions: 6, Connection type: Screw connection,
Color: green
 
Commercial data
EAN
4017918028695
Pack
50 pcs.
Customs tariff
85366990
Weight/Piece
0.01026 KG
Catalog page information
Page 198 (CC-2009)
Product notes
WEEE/RoHS-compliant since:
01/01/2003
http://
www.download.phoenixcontact.com
Please note that the data given
here has been taken from the
online catalog. For comprehensive
information and data, please refer
to the user documentation. The
General Terms and Conditions of
Use apply to Internet downloads.
Technical data
Dimensions / positions
Pitch
5 mm
Dimension a
25 mm
Number of positions
6
Screw thread
M3


Similar Part No. - 1754520

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1754520 PHOENIX-1754520 Datasheet
145Kb / 5P
MSTB 2,5/ 6-G
1754520 PHOENIX-1754520 Datasheet
180Kb / 5P
MDSTB 2,5/ 6-G1
1754520 PHOENIX-1754520 Datasheet
106Kb / 4P
MSTB 2,5/ 6-G BK
More results

Similar Description - 1754520

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1754449 PHOENIX-1754449 Datasheet
142Kb / 6P
MSTB 2,5/ 2-ST
1754504 PHOENIX-1754504 Datasheet
259Kb / 7P
MSTB 2,5/ 5-ST
1754562 PHOENIX-1754562 Datasheet
142Kb / 6P
MSTB 2,5/ 8-ST
1758380 PHOENIX-1758380 Datasheet
101Kb / 3P
MSTB 2,5/ 6-ST-5,08 BD:1-6
1703984 PHOENIX-1703984 Datasheet
50Kb / 3P
MSTB 2,5/ 6-ST BKBDWH:6-11
1703985 PHOENIX-1703985 Datasheet
50Kb / 3P
MSTB 2,5/ 6-ST BKBDWH:17-B
1752483 PHOENIX-1752483 Datasheet
103Kb / 3P
MSTB 2,5/ 6-ST-5,08 AU
1756168 PHOENIX-1756168 Datasheet
104Kb / 2P
MSTB 2,5/ 6-ST RD
1763948 PHOENIX-1763948 Datasheet
96Kb / 2P
MSTB 2,5/ 6-ST-5,08 GY
1948750 PHOENIX-1948750 Datasheet
88Kb / 2P
MSTB 2,5/ 6-ST-5,08-RF
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com