Electronic Components Datasheet Search
  English  ▼

X  

1754533 Datasheet(PDF) 9 Page - PHOENIX CONTACT

Part # 1754533
Description  Feed-through header - MSTB 2,5/ 7-G
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1754533 Datasheet(HTML) 9 Page - PHOENIX CONTACT

Back Button 1754533 Datasheet HTML 5Page - PHOENIX CONTACT 1754533 Datasheet HTML 6Page - PHOENIX CONTACT 1754533 Datasheet HTML 7Page - PHOENIX CONTACT 1754533 Datasheet HTML 8Page - PHOENIX CONTACT 1754533 Datasheet HTML 9Page - PHOENIX CONTACT 1754533 Datasheet HTML 10Page - PHOENIX CONTACT 1754533 Datasheet HTML 11Page - PHOENIX CONTACT 1754533 Datasheet HTML 12Page - PHOENIX CONTACT 1754533 Datasheet HTML 13Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
https://www.phoenixcontact.com/pi/products/1754533
04/01/2020   Page 9 / 14
Feed-through header - MSTB 2,5/ 7-G - 1754533
Classifications
eCl@ss
eCl@ss 7.0
27440402
eCl@ss 8.0
27440402
eCl@ss 9.0
27440402
ETIM
ETIM 3.0
EC001121
ETIM 4.0
EC002637
ETIM 5.0
EC002637
ETIM 6.0
EC002637
ETIM 7.0
EC002637
UNSPSC
UNSPSC 6.01
30211810
UNSPSC 7.0901
39121409
UNSPSC 11
39121409
UNSPSC 12.01
39121409
UNSPSC 13.2
39121409
UNSPSC 18.0
39121409
UNSPSC 19.0
39121409
UNSPSC 20.0
39121409
UNSPSC 21.0
39121409
Approvals
Approvals
Approvals
CSA / IECEE CB Scheme / EAC / cULus Recognized / VDE Zeichengenehmigung
Ex Approvals
Approval details
CSA 
 http://www.csagroup.org/services-industries/product-listing/
 13631
 
B
D
Nominal voltage UN
300 V
300 V
Nominal current IN
10 A
10 A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com