Electronic Components Datasheet Search
  English  ▼

X  

1754575 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1754575
Description  Base strip - MSTB 2,5/ 9-G
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1754575 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1754575 Datasheet HTML 1Page - PHOENIX CONTACT 1754575 Datasheet HTML 2Page - PHOENIX CONTACT 1754575 Datasheet HTML 3Page - PHOENIX CONTACT 1754575 Datasheet HTML 4Page - PHOENIX CONTACT 1754575 Datasheet HTML 5Page - PHOENIX CONTACT 1754575 Datasheet HTML 6Page - PHOENIX CONTACT 1754575 Datasheet HTML 7Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
https://www.phoenixcontact.com/us/produkte/1754575
03.10.2012   Page 1 / 7
Base strip - MSTB 2,5/ 9-G - 1754575
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in
the user's documentation. Our General Terms of Use for Downloads are valid
(http://download.phoenixcontact.com)
Header, Nominal current: 12 A, Rated voltage (III/2): 320 V, Number of positions: 9, Pitch: 5 mm,
Color: green, Contact surface: Tin, Assembly: Soldering
The figure shows a 10-position
version of the product
Why buy this product
 Other pin lengths available on request
 Plug-in direction parallel to the conductor axis
 W type with stand-off
 Standard pin strip for 320 V (III/2)
 
Key commercial data
Packing unit
1
Minimum order quantity
1
Catalog page
Page 286 (CC-2011)
GTIN
Custom tariff number
85366990
Country of origin
GERMANY
Technical data
Dimensions / positions
Length
12 mm
Pitch
5 mm
Dimension a
40 mm
Number of positions
9
Pin dimensions
1 x 1 mm
Hole diameter
1.4 mm
Technical data
Range of articles
MSTB 2,5/..-G
Insulating material group
IIIa
Rated surge voltage (III/3)
4 kV


Similar Part No. - 1754575

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1754575 PHOENIX-1754575 Datasheet
142Kb / 6P
MSTB 2,5/ 9-ST
1754575 PHOENIX-1754575 Datasheet
170Kb / 6P
MVSTBR 2,5/ 9-ST
1754575 PHOENIX-1754575 Datasheet
104Kb / 4P
MSTB 2,5/ 9-ST BD:1-9
1754575 PHOENIX-1754575 Datasheet
149Kb / 6P
MSTBT 2,5/ 9-ST
More results

Similar Description - 1754575

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0707167 PHOENIX-0707167 Datasheet
114Kb / 7P
Base strip - DFK-MSTB 2,5/ 9-G
0707303 PHOENIX-0707303 Datasheet
131Kb / 9P
Base strip - DFK-MSTB 2,5/ 9-G-5,08
1754711 PHOENIX-1754711 Datasheet
116Kb / 7P
Base strip - MSTB 2,5/16-G
1754753 PHOENIX-1754753 Datasheet
110Kb / 7P
Base strip - MSTB 2,5/18-G
1754795 PHOENIX-1754795 Datasheet
105Kb / 7P
Base strip - MSTB 2,5/20-G
1759088 PHOENIX-1759088 Datasheet
144Kb / 10P
Base strip - MSTB 2,5/ 9-G-5,08
1754656 PHOENIX-1754656 Datasheet
118Kb / 8P
Base strip - MSTB 2,5/13-G
1754737 PHOENIX-1754737 Datasheet
60Kb / 3P
Base strip - MSTB 2,5/17-G
1754818 PHOENIX-1754818 Datasheet
60Kb / 3P
Base strip - MSTB 2,5/21-G
1754834 PHOENIX-1754834 Datasheet
59Kb / 3P
Base strip - MSTB 2,5/22-G
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com