Electronic Components Datasheet Search
  English  ▼

X  

1754584 Datasheet(PDF) 17 Page - PHOENIX CONTACT

Part # 1754584
Description  Printed-circuit board connector - FKCN 2,5/ 4-ST-5,08
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1754584 Datasheet(HTML) 17 Page - PHOENIX CONTACT

Back Button 1754584 Datasheet HTML 12Page - PHOENIX CONTACT 1754584 Datasheet HTML 13Page - PHOENIX CONTACT 1754584 Datasheet HTML 14Page - PHOENIX CONTACT 1754584 Datasheet HTML 15Page - PHOENIX CONTACT 1754584 Datasheet HTML 16Page - PHOENIX CONTACT 1754584 Datasheet HTML 17Page - PHOENIX CONTACT 1754584 Datasheet HTML 18Page - PHOENIX CONTACT 1754584 Datasheet HTML 19Page - PHOENIX CONTACT 1754584 Datasheet HTML 20Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
https://www.phoenixcontact.com/pi/products/1754584
04/01/2020   Page 17 / 20
Printed-circuit board connector - FKCN 2,5/ 4-ST-5,08 - 1754584
Accessories
Feed-through header - MDSTBW 2,5/ 4-G-5,08 - 1842238
PCB headers, nominal current: 10 A, rated voltage (III/2): 320 V, nominal cross section: 2.5 mm², number of
positions: 4, pitch: 5.08 mm, color: green, contact surface: Tin, mounting: Wave soldering, pin layout: Linear pinning,
solder pin [P]: 3.8 mm, The article can be aligned to create different nos. of positions! In combination with MVSTB
or FKCV plug components, both an MVSTBW (or FKCVW) and an MVSTBR plug (or FKCVR) must be used.
Combination with TMSTBP plug components is not possible!
 
 
Feed-through header - MDSTBVA 2,5/ 4-G-5,08 - 1845358
PCB headers, nominal current: 10 A, rated voltage (III/2): 320 V, nominal cross section: 2.5 mm², number of
positions: 4, pitch: 5.08 mm, color: green, contact surface: Tin, mounting: Wave soldering, pin layout: Linear pinning,
solder pin [P]: 3.9 mm, The article can be aligned to create different nos. of positions! In combination with MVSTB
or FKCV plug components, both an MVSTBW (or FKCVW) and an MVSTBR plug (or FKCVR) must be used.
Combination with TMSTBP plug components is not possible!
 
 
Printed-circuit board connector - MDSTBV 2,5/ 4-G-5,08 - 1845507
PCB headers, nominal current: 10 A, rated voltage (III/2): 320 V, nominal cross section: 2.5 mm², number of
positions: 4, pitch: 5.08 mm, color: green, contact surface: Tin, mounting: Wave soldering, pin layout: Linear pinning,
solder pin [P]: 3.5 mm, Can be aligned! Mounting flange: Order No. 1836477, 1836480. In combination with MVSTB
or FKCV plug components, both an MVSTBW (or FKCVW) and an MVSTBR plug (or FKCVR) must be used.
Combination with TMSTBP plug components is not possible!
 
 
Feed-through header - MSTBO 2,5/ 4-GR-5,08 - 1847123
PCB headers, nominal current: 8 A, rated voltage (III/2): 320 V, nominal cross section: 2.5 mm², number of positions:
4, pitch: 5.08 mm, color: green, contact surface: Tin, mounting: Wave soldering, pin layout: Linear pinning, solder pin
[P]: 3.2 mm
 
 
Feed-through header - MSTBO 2,5/ 4-GL-5,08 - 1850453
PCB headers, nominal current: 8 A, rated voltage (III/2): 320 V, nominal cross section: 2.5 mm², number of positions:
4, pitch: 5.08 mm, color: green, contact surface: Tin, mounting: Wave soldering, pin layout: Linear pinning, solder pin
[P]: 3.2 mm
 
 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com