Electronic Components Datasheet Search
  English  ▼

X  

1754630 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1754630
Description  MSTB 2,5/12-G
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1754630 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1754630 Datasheet HTML 1Page - PHOENIX CONTACT 1754630 Datasheet HTML 2Page - PHOENIX CONTACT 1754630 Datasheet HTML 3Page - PHOENIX CONTACT 1754630 Datasheet HTML 4Page - PHOENIX CONTACT 1754630 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PHOENIX CONTACT Deutschland GmbH
Page 1 / 5
http://www.phoenixcontact.de
Feb 24, 2010
Extract from the online
catalog
 
MSTB 2,5/12-G
Order No.: 1754630
The figure shows a 10-position version of the product
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=1754630
 
 
Header, Nominal current: 12 A, Nom. voltage: 250 V, Pitch: 5 mm,
Number of positions: 12, Color: green, Assembly: Soldering
 
Commercial data
EAN
4017918028800
Pack
50 pcs.
Customs tariff
85366990
Weight/Piece
0.00519 KG
Catalog page information
Page 248 (CC-2009)
Product notes
WEEE/RoHS-compliant since:
01/01/2003
http://
www.download.phoenixcontact.com
Please note that the data given
here has been taken from the
online catalog. For comprehensive
information and data, please refer
to the user documentation. The
General Terms and Conditions of
Use apply to Internet downloads.
Technical data
Dimensions / positions
Pitch
5 mm
Dimension a
55 mm
Number of positions
12
Pin dimensions
1 x 1 mm
Hole diameter
1.4 mm


Similar Part No. - 1754630

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1754630 PHOENIX-1754630 Datasheet
142Kb / 6P
MSTB 2,5/12-ST
1754630 PHOENIX-1754630 Datasheet
170Kb / 6P
MVSTBR 2,5/12-ST
1754630 PHOENIX-1754630 Datasheet
151Kb / 6P
MVSTBW 2,5/12-ST
More results

Similar Description - 1754630

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0707196 PHOENIX-0707196 Datasheet
115Kb / 7P
Base strip - DFK-MSTB 2,5/12-G
0707332 PHOENIX-0707332 Datasheet
131Kb / 9P
Base strip - DFK-MSTB 2,5/12-G-5,08
1754452 PHOENIX-1754452 Datasheet
145Kb / 5P
MSTB 2,5/ 3-G
1754478 PHOENIX-1754478 Datasheet
144Kb / 5P
MSTB 2,5/ 4-G
1754559 PHOENIX-1754559 Datasheet
145Kb / 5P
MSTB 2,5/ 8-G
1754591 PHOENIX-1754591 Datasheet
145Kb / 5P
MSTB 2,5/10-G
1759114 PHOENIX-1759114 Datasheet
151Kb / 6P
MSTB 2,5/12-G-5,08
1754779 PHOENIX-1754779 Datasheet
147Kb / 5P
MSTB 2,5/19-G
1754850 PHOENIX-1754850 Datasheet
148Kb / 5P
MSTB 2,5/23-G
1754876 PHOENIX-1754876 Datasheet
148Kb / 5P
MSTB 2,5/24-G
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com